Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM69 Datasheet(PDF) 8 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM69 Datasheet HTML 4Page - Texas Instruments AM69 Datasheet HTML 5Page - Texas Instruments AM69 Datasheet HTML 6Page - Texas Instruments AM69 Datasheet HTML 7Page - Texas Instruments AM69 Datasheet HTML 8Page - Texas Instruments AM69 Datasheet HTML 9Page - Texas Instruments AM69 Datasheet HTML 10Page - Texas Instruments AM69 Datasheet HTML 11Page - Texas Instruments AM69 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 300 page
background image
Table 5-1. Device Comparison (continued)
FEATURES(9)
REFERENCE
NAME
AM69A98
AM69A94
AM69A78
AM6958
AM6934
PERIPHERALS
Display Subsystem
DSS
Yes
DSI 4L TX
2
eDP 4L
1
DPI
1
Modular Controller Area Network
Interface with Full CAN-FD
Support
MCAN
20
General-Purpose I/O
GPIO
155
Inter-Integrated Circuit Interface
I2C
10
Improved Inter-Integrated Circuit
Interface
I3C
1
Analog-to-Digital Converter
ADC
2
Capture Subsystem with Camera
Serial Interface (CSI2)
CSI2.0 4L RX
3
CSI2.0 4L TX
2
Multichannel Serial Peripheral
Interface
MCSPI
11
Multichannel Audio Serial Port
MCASP0
16 Serializers
MCASP1
5 Serializers
MCASP2
5 Serializers
MCASP3
3 Serializers
MCASP4
5 Serializers
MultiMedia Card/ Secure Digital
Interface
MMCSD0
eMMC (8-bits)
MMCSD1
SD/SDIO (4-bits)
Universal Flash Storage
UFS 2L
No
Flash Subsystem (FSS)
OSPI0
8-bits(8)
OSPI1(10)
4-bits
HyperBus
Yes(8)
4x PCI Express Port with
Integrated PHY
PCIE
2x4L or 4x2L(6)
Hyperlink
HYP
No (11)
Ethernet Interfaces
MCU CPSW2G
RMII or RGMII(7)
MAIN
CPSW2G
RMII or RGMII(7)
CPSW9G
8 port SERDES(6)
General-Purpose Timers
TIMER
30
Enhanced High Resolution Pulse-
Width Modulator Module
eHRPWM
6
Enhanced Capture Module
eCAP
3
Enhanced Quadrature Encoder
Pulse Module
eQEP
3
Universal Asynchronous Receiver
and Transmitter
UART
12
Universal Serial Bus (USB3.1)
SuperSpeed Dual-Role-Device
(DRD) Ports with SS PHY
USB0
Yes(6)
(1)
Functional Safety is not supported on this device family, if interested in this feature, please see the TDA4VH device family.
(2)
Device security features including Secure Boot and Customer Programmable Keys are applicable to select part number variants as
indicated by the Device Type (Y) identifier in the in the Nomenclature Description table
AM69A, AM69
SPRSP92A – FEBRUARY 2023 – REVISED AUGUST 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com