Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35-Q1 Datasheet(PDF) 21 Page - Texas Instruments

Part # REF35-Q1
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF35-Q1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF35-Q1 Datasheet HTML 17Page - Texas Instruments REF35-Q1 Datasheet HTML 18Page - Texas Instruments REF35-Q1 Datasheet HTML 19Page - Texas Instruments REF35-Q1 Datasheet HTML 20Page - Texas Instruments REF35-Q1 Datasheet HTML 21Page - Texas Instruments REF35-Q1 Datasheet HTML 22Page - Texas Instruments REF35-Q1 Datasheet HTML 23Page - Texas Instruments REF35-Q1 Datasheet HTML 24Page - Texas Instruments REF35-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
10.3 Typical Application: Precision Power Supply and Reference
Figure 10-2 shows the basic configuration for the REF35-Q1 device as precision power supply to ADS7038-Q1
data converter which uses its power supply AVDD as reference. Connect bypass capacitors according to the
guidelines in Section 10.3.2.2 section.
ADS7038-Q1
GND
REF35500-Q1
-
+
1
2
3
4
6
5
10 μF
GND
1 μF
AVDD
GND
+6 V
Input
0 V to 5 V
0.1 μF
0.1 μF
Figure 10-2. Basic Reference Connection
10.3.1 Design Requirements
A detailed design procedure is described based on a design example. For this design example, use the
parameters listed in Table 10-1 as the input parameters.
Table 10-1. Design Example Parameters
DESIGN PARAMETER
VALUE
Input voltage range VIN
0 V - 5 V
Output resolution
12-bit
REF input capacitor
1 µF
REF output capacitor
10 µF
10.3.2 Detailed Design Procedure
10.3.2.1 Selection of Reference
The REF35500-Q1 reference is selected for this design. The REF35500-Q1 device operates of very low
quiescent current while offering ±0.05 % initial accuracy and very low noise. These parameters help improve
system accuracy as compared to external LDO based power supply. The 5 V reference voltage supports the 0 V
to 5 V input range specification.
10.3.2.2 Input and Output Capacitors
A 1 μF to 10 μF electrolytic or ceramic capacitor can be connected to the input to improve transient response in
applications where the supply voltage may fluctuate.
www.ti.com
REF35-Q1
SNAS845 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com