Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
9.2.2 Design 2 – High Density, 12-V, 8-A Rail From 48-V Telecom Power
Figure 9-16 shows the schematic diagram of a 400-kHz, 12-V output, 8-A synchronous buck regulator intended
for 48-V telecom applications.
1
2
3
4
5
6
7
10
11
17
18
19
14
20
BST
HO
SW
LO
PGND
RT
SS/TRK
COMP
FB
AGND
VIN = 14 V to 85 V
VOUT = 12 V
LV5144
VOUT
SYNC In
GND
12
SYNCOUT
8
SYNCIN
9
NC
EN/UVLO
VIN
ILIM
PGOOD
SYNC Out
13
VCC
16
15
NC
EP
LF
COUT
Q1
Q2
CIN
RILIM
CVCC
CBST
CSS
RFB2
RFB1
RC2
CC2
CC1
RC1
CC3
RRT
CILIM
6.8 H
0.1 F
10 pF
47 nF
5 ´ 2.2 F
RUV2
9.31 kΩ
4.7 nF
5 ´ 22 μF
RUV1
100 kΩ
2.2 μF
CVIN
619 Ω
0.1 μF
1.5 kΩ
21 kΩ
100 pF
8.06 kΩ
100 Ω
U1
24.9 kΩ
1 nF
D1
RBST
2.2 Ω
optional
PGOOD
RVIN
2.2 Ω
Figure 9-16. Application Circuit 2 With LV5144 48-V to 12-A Synchronous Buck Regulator at 400 kHz
9.2.2.1 Design Requirements
The required input, output, and performance parameters for this application example are shown in Table 9-7.
Table 9-7. Design Parameters
DESIGN PARAMETER
VALUE
Input voltage range (steady state)
14 V to 85 V
Input transient voltage (peak)
90 V
Output voltage and current
12 V, 8 A
Input UVLO thresholds
14 V on, 13 V off
Switching frequency
400 kHz
Output voltage regulation
±1%
Load transient peak voltage deviation, 4-A load step
< 120 mV
9.2.2.2 Detailed Design Procedure
A high power density, high-efficiency regulator design uses 100-V power MOSFETs in SON 5-mm × 6-mm
packages, together with a low-DCR inductor and all-ceramic capacitor design. The design occupies a footprint of
30 mm × 15 mm on a single-sided PCB. The overcurrent (OC) setpoint in this design is set at 12 A based on the
resistor RILIM and the 10-mΩ RDS(on) of the low-side MOSFET (typical at TJ = 25°C and VGS = 10 V). The 12-V
output is connected to VCC through a diode, D1, to reduce IC bias power dissipation at high input voltages.
LV5144
SNVSCJ1 – AUGUST 2023
www.ti.com
40
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com