Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # REF35
Description  REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF35 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF35 Datasheet HTML 8Page - Texas Instruments REF35 Datasheet HTML 9Page - Texas Instruments REF35 Datasheet HTML 10Page - Texas Instruments REF35 Datasheet HTML 11Page - Texas Instruments REF35 Datasheet HTML 12Page - Texas Instruments REF35 Datasheet HTML 13Page - Texas Instruments REF35 Datasheet HTML 14Page - Texas Instruments REF35 Datasheet HTML 15Page - Texas Instruments REF35 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
8.2 Temperature Coefficient
The REF35-Q1 is designed and tested for a low output voltage temperature coefficient, which is defined as
the change in output voltage over temperature. The temperature coefficient is calculated using the box method
in which a box is formed by the minimum/maximum limits for the nominal output voltage over the operating
temperature range. REF35-Q1 has a low maximum temperature coefficient of 15 ppm/°C from –40°C to +125°C.
The box method specifies limits for the temperature error but does not specify the exact shape and slope of the
device under test. Due to temperature curvature correction to achieve low-temperature drift, the temperature drift
is expected to be non-linear. See TI's Analog Design Journal, Precision voltage references, for more information
on the box method. Use Equation 1 for the box method.
REF(MAX)
REF(MIN)
6
REF(25 C)
V
V
Drift
10
V
Temperature Range
q
§
·
u
¨
¸
¨
¸
u
©
¹
(1)
Figure 8-3 shows a typical voltage versus temperature curves for various reference voltages.
Temperature (
C)
-40
-7
26
59
92
125
-1500
-750
0
750
1500
VREF = 1.8V
VREF = 2.048V
VREF = 2.5V
VREF = 3.3V
VREF = 5V
Figure 8-3. Output Voltage Drift Vs Free-Air Temperature
8.3 Long-Term Stability
One of the key performance parameters of the REF35-Q1 references is long-term stability also known as
long-term drift. The long-term stability value is tested in a typical setup that reflects standard PCB board
manufacturing practices. The boards are made of standard FR4 material and the board does not have special
cuts or grooves around the devices to relieve the mechanical stress of the PCB. The devices and boards in this
test do not undergo high temperature burn in post-soldering prior to testing. These conditions reflect a real world
use case scenario and common manufacturing techniques.
During the long-term stability testing, precautions are taken to ensure that only the long-term stability drift is
being measured. The boards are maintained at 35°C in an oil bath. The oil bath ensures that the temperature
is constant across the device over time compared to an air oven. The measurements are captured every 30
minutes with a calibrated 8.5 digit multimeter.
The typical long-term stability characteristic is expressed as a deviation of the reference voltage output over
time.
Figure 8-4 shows the typical drift value for the REF35-Q1 in 6-pin SOT-23 package is 30 ppm from 0 to 1000
hours. It is important to understand that long-term stability is not ensured by design and that the value is typical.
REF35-Q1
SNAS845 – AUGUST 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: REF35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com