Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS-40288N Datasheet(PDF) 1 Page - CUI Devices

Part # CMS-40288N
Description  SPEAKER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMS-40288N Datasheet(HTML) 1 Page - CUI Devices

  CMS-40288N Datasheet HTML 1Page - CUI Devices CMS-40288N Datasheet HTML 2Page - CUI Devices CMS-40288N Datasheet HTML 3Page - CUI Devices CMS-40288N Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 08/05/2022
page 1 of 4
MODEL: CMS-40288N | DESCRIPTION: SPEAKER
cuidevices.com
FEATURES
• 85 dB SPL
• 550 Hz resonant frequency
• Nd-Fe-B magnet
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
maximum power: IEC-60268-5, filter 60s on/120s off, 10
cycles at room temp
2.0
3.0
W
impedance
at 1.5 kHz
6.8
8
9.2
Ω
resonant frequency (Fo)
440
550
660
Hz
frequency response
output SPL -10 dB
Fo
20,000
Hz
sound pressure level
at 1 W, 0.3 m ave, at 0.8, 1.0, 1.2, 1.5 kHz
82
85
88
dB
distortion
at 2.0 kHz, 1 W
5
%
buzz, rattle, etc.
must be normal at sine wave between
Fo ~ 20,000 Hz
4.0
V
dimensions
40.0 x 28.2 x 11.8
mm
magnet
Nd-Fe-B
material
ABS
cone material
cloth
terminal
solder terminals
weight
12.6
g
operating temperature
-30
70
°C
storage temperature
-40
85
°C
RoHS
yes
Notes:
1. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106 kPa pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 3 seconds
370
380
390
°C
Additional Resources: Product Page | 3D Model


Similar Part No. - CMS-40288N

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS-40288N CUI-CMS-40288N Datasheet
1,020Kb / 4P
550 Hz resonant frequency
More results

Similar Description - CMS-40288N

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com