Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CST-931AP Datasheet(PDF) 1 Page - CUI Devices

Part # CST-931AP
Description  MAGNETIC BUZZER TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CST-931AP Datasheet(HTML) 1 Page - CUI Devices

  CST-931AP Datasheet HTML 1Page - CUI Devices CST-931AP Datasheet HTML 2Page - CUI Devices CST-931AP Datasheet HTML 3Page - CUI Devices CST-931AP Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 08/05/2022
page 1 of 4
MODEL: CST-931AP | DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
cuidevices.com
FEATURES
• top port
• 85 db SPL minimum
• externally driven
Vo-p
0V
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
3.0
Vo-p
operating voltage
2.0
4.0
Vo-p
current consumption
at rated voltage, 2,730 Hz square wave, ½ duty
80
mA
rated frequency
2,730
Hz
sound pressure level
at 10 cm (A-weight), rated voltage, 2,730 Hz square wave,
½ duty
85
92
dBA
coil resistance
12.7
15.0
17.3
Ω
dimensions
Ø9.0 x 4.5
mm
weight
0.65
g
material
PBT
terminal
pin type (Au plating)
operating temperature
-30
70
°C
storage temperature
-30
80
°C
RoHS
yes
Notes:
1. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106kPa pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
see wave soldering profile
250
°C
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - CST-931AP

ManufacturerPart #DatasheetDescription
logo
CUI INC
CST-931AP CUI-CST-931AP Datasheet
428Kb / 4P
magnetic buzzer
CST-931AP CUI-CST-931AP Datasheet
436Kb / 4P
MAGNETIC BUZZER TRANSDUCER
12/03/2019
CST-931AP CUI-CST-931AP_V01 Datasheet
436Kb / 4P
MAGNETIC BUZZER TRANSDUCER
12/03/2019
More results

Similar Description - CST-931AP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-300 ETC-EMX-300 Datasheet
174Kb / 1P
Magnetic transducer Buzzer
logo
CUI INC
CSS-0578-SMT CUI-CSS-0578-SMT Datasheet
337Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CT-1205H-SMT CUI-CT-1205H-SMT Datasheet
345Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CMT-5023S-SMT CUI-CMT-5023S-SMT Datasheet
960Kb / 4P
MAGNETIC BUZZER TRANSDUCER
CCV-084B16-SMT CUI-CCV-084B16-SMT Datasheet
432Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CMT-6736-80T CUI-CMT-6736-80T Datasheet
394Kb / 5P
MAGNETIC BUZZER TRANSDUCER
CMT-9504-87-SMT-TR CUI-CMT-9504-87-SMT-TR Datasheet
418Kb / 5P
MAGNETIC BUZZER TRANSDUCER
logo
CUI Devices
CD-1206-SMT CUID-CD-1206-SMT Datasheet
635Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
CEM-1203 CUID-CEM-1203 Datasheet
499Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
CMT-1032-85-SMT-TR CUID-CMT-1032-85-SMT-TR Datasheet
388Kb / 5P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com