Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20TQ035PBF Datasheet(PDF) 2 Page - International Rectifier

Part # 20TQ035PBF
Description  SCHOTTKY RECTIFIER 20 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20TQ035PBF Datasheet(HTML) 2 Page - International Rectifier

  20TQ035PBF Datasheet HTML 1Page - International Rectifier 20TQ035PBF Datasheet HTML 2Page - International Rectifier 20TQ035PBF Datasheet HTML 3Page - International Rectifier 20TQ035PBF Datasheet HTML 4Page - International Rectifier 20TQ035PBF Datasheet HTML 5Page - International Rectifier 20TQ035PBF Datasheet HTML 6Page - International Rectifier 20TQ035PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
20TQ... Series
2
Bulletin PD-20241 rev. C 06/06
www.irf.com
V
FM
Max. Forward Voltage Drop
(1)
0.57
V
@ 20A
* See Fig. 1
0.73
V
@ 40A
0.51
V
@ 20A
0.67
V
@ 40A
I
RM
Max. Reverse Leakage Current (1)
2.7
mA
T
J =
25 °C
* See Fig. 2
105
mA
T
J = 125 °C
C
T
Max. Junction Capacitance
1400
pF
V
R = 5VDC (test signal range 100Khz to 1Mhz) 25 °C
L
S
Typical Series Inductance
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/ μs
(Rated V
R)
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Electrical Specifications
Parameters
20TQ
Units
Conditions
(1) Pulse Width < 300μs, Duty Cycle < 2%
T
J
Max. Junction Temperature Range
-55 to 150
°C
Tstg Max. Storage Temperature Range
-55 to 150
°C
R
thJC Max. Thermal Resistance Junction
1.50
°C/W DC operation
* See Fig. 4
to Case
R
thCS Typical Thermal Resistance, Case to
0.50
°C/W Mounting surface , smooth and greased
Heatsink
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Marking Device
20TQ045
Case Style TO-220
20TQ045S
Case Style D2Pak
Thermal-Mechanical Specifications
Parameters
20TQ
Units
Conditions
I
F(AV) Max. Average Forward Current
20
A
50% duty cycle @ T
C = 116° C, rectangular wave form
* See Fig. 5
I
FSM
Max. Peak One Cycle Non-Repetitive
1800
5μs Sine or 3μs Rect. pulse
Surge Current * See Fig. 7
400
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
27
mJ
T
J = 25 °C, IAS = 4 Amps, L = 3.4 mH
I
AR
Repetitive Avalanche Current
4
A
Current decaying linearly to zero in 1 μsec
Frequency limited by T
J max. VA = 1.5 x VR typical
Parameters
20TQ Units
Conditions
Absolute Maximum Ratings
A
Following any rated
load condition and
with rated V
RRM applied
Kg-cm
(Ibf-in)
Voltage Ratings
Part number
20TQ035
20TQ040
20TQ045
VR
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
35
40
45



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com