Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30N06-TA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 30N06-TA3-R
Description  30 Amps, 60 Volts N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

30N06-TA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  30N06-TA3-R Datasheet HTML 1Page - Unisonic Technologies 30N06-TA3-R Datasheet HTML 2Page - Unisonic Technologies 30N06-TA3-R Datasheet HTML 3Page - Unisonic Technologies 30N06-TA3-R Datasheet HTML 4Page - Unisonic Technologies 30N06-TA3-R Datasheet HTML 5Page - Unisonic Technologies 30N06-TA3-R Datasheet HTML 6Page - Unisonic Technologies 30N06-TA3-R Datasheet HTML 7Page - Unisonic Technologies 30N06-TA3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
30N06
MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-087,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS
±20
V
TC = 25℃
30
A
Continuous Drain Current
TC = 100℃
ID
21.3
A
Pulsed Drain Current (Note 1)
IDM
120
A
Avalanche Energy, Single Pulsed (Note 2)
EAS
300
mJ
Repetitive Avalanche Energy (Note 1)
EAR
8
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
7.5
V/ns
Total Power Dissipation (TC = 25℃)
80
W
Derating Factor Above 25℃
PD
0.53
W/℃
Operation Junction Temperature
TJ
-55 ~ +150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Thermal Resistance, Junction-to-Case
θJC
1.8
°C/W
Thermal Resistance, Case-to-Sink
θCS
0.5
°C/W
Thermal Resistance, Junction-to-Ambient
θJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 µA
60
V
VDS = 60 V, VGS = 0 V
1
µA
Drain-Source Leakage Current
IDSS
VDS = 48 V, VGS = 0 V, TJ = 150℃
10
µA
Forward
VGS = 20V, VDS = 0 V
100
nA
Gate-Source Leakage
Current
Reverse
IGSS
VGS = -20V, VDS = 0 V
-100
nA
Breakdown Voltage Temperature
Coefficient
BV
△
DSS/△TJ
ID = 250 µA, Referenced to 25℃
0.06
V/℃
On Characteristics
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 µA
2.0
4.0
V
Static Drain-Source On-State
Resistance
RDS(ON)
VGS = 10 V, ID = 15 A
32
40
mΩ
Dynamic Characteristics
Input Capacitance
CISS
800
pF
Output Capacitance
COSS
300
pF
Reverse Transfer Capacitance
CRSS
VGS = 0 V, VDS = 25 V, f = 1MHz
80
pF
Switching Characteristics
Turn-On Delay Time
tD(ON)
12
ns
Turn-On Rise Time
tR
79
ns
Turn-Off Delay Time
tD(OFF)
50
ns
Turn-Off Fall Time
tF
VDD = 30V, ID =15 A, VGS=10V
(Note 4, 5)
52
ns
Total Gate Charge
QG
20
30
nC
Gate-Source Charge
QGS
6
nC
Gate-Drain Charge (Miller Charge)
QGD
VDS = 60V, VGS = 10 V, ID = 24A
(Note 4, 5)
9
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com