Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30N06-TF3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 30N06-TF3-R
Description  30 Amps, 60 Volts N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

30N06-TF3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  30N06-TF3-R Datasheet HTML 1Page - Unisonic Technologies 30N06-TF3-R Datasheet HTML 2Page - Unisonic Technologies 30N06-TF3-R Datasheet HTML 3Page - Unisonic Technologies 30N06-TF3-R Datasheet HTML 4Page - Unisonic Technologies 30N06-TF3-R Datasheet HTML 5Page - Unisonic Technologies 30N06-TF3-R Datasheet HTML 6Page - Unisonic Technologies 30N06-TF3-R Datasheet HTML 7Page - Unisonic Technologies 30N06-TF3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
30N06
MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-087,A
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Source-Drain Diode Ratings and Characteristics
Diode Forward Voltage
VSD
IS = 30A, VGS = 0 V
1.4
V
Maximum Continuous Drain-Source
Diode Forward Current
IS
30
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
Integral Reverse p-n Junction Diode in
the MOSFET
G
S
D
120
A
Reverse Recovery Time
tRR
40
ns
Reverse Recovery Charge
QRR
IS = 30A, VGS = 0 V
dIF / dt = 100 A/µs (Note4)
70
µC
Note 1. Repeativity rating: pulse width limited by junction temperature
2. L=19.5mH, IAS=30A, RG=20Ω, Starting TJ=25℃
3. ISD≤50A, di/dt≤300A/µs, VDD≤BVDSS, Starting TJ=25℃
4. Pulse Test: Pulse Width≤300µs,Duty Cycle≤2%
5. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com