Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045WTP Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # MBR3045WTP
Description  MBR3045WTP SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR3045WTP Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  MBR3045WTP Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR3045WTP Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR3045WTP Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR3045WTP Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0637, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR3045WTP
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging
specification.
Mechanical Dimensions TO-247AD
SYMBOL
Millimeters
MIN.
TYP.
MAX.
A
4.80
5.00
5.20
A1
2.20
2.41
2.61
A2
1.90
2.00
2.10
b
1.10
1.20
1.40
b1
1.80
2.00
2.20
b2
2.80
3.00
3.20
c
0.50
0.60
0.75
D
20.30
21.00
21.20
D1
16.55
D2
1.20
E
15.45
15.80
16.00
E1
13.30
E2
5.00
E3
2.50
e
5.44
L
19.42
19.92
20.70
L1
4.13
P
3.50
3.60
3.70
P1
7.1
7.40
P2
2.50
Q
5.80
S
6.05
6.15
6.25
T
10.00
U
6.20
Ordering Information:
Device
Package
Shipping
MBR3045WTP
TO-247AD(Pb-Free)
25pcs / tube
Tube Specification
Marking Diagram
Where XXXXX is YYWWL
MBR
= Device Type
30
= Forward Current (30A)
45
= Reverse Voltage (45V)
WTP
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com