Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6928 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6928
Description  High efficiency monolithic synchronous step down regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6928 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6928 Datasheet HTML 2Page - STMicroelectronics L6928 Datasheet HTML 3Page - STMicroelectronics L6928 Datasheet HTML 4Page - STMicroelectronics L6928 Datasheet HTML 5Page - STMicroelectronics L6928 Datasheet HTML 6Page - STMicroelectronics L6928 Datasheet HTML 7Page - STMicroelectronics L6928 Datasheet HTML 8Page - STMicroelectronics L6928 Datasheet HTML 9Page - STMicroelectronics L6928 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
L6928
6/16
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Run
Vrun_H
RUN threshold high
1.3
V
Vrun_L
RUN threshold low
0.4
V
Irun
RUN input current (2)
25
nA
SYNC/MODE function
Vsync_H
Sync mode threshold high
1.3
V
Vsync_L
Sync mode threshold low
0.5
V
PGOOD section
VPGOOD Power Good Threshold
VOUT = Vfb
90
%Vout
∆VPGOOD Power Good Hysteresis
VOUT = Vfb
4%Vout
VPgood(low
)
Power Good Low Voltage
Run to GND
0.4
V
ILK-
PGOOD
Power Good Leakage
Current (2)
VPGOOD = 3.6V
50
nA
Protections
HOVP
Hard overvoltage threshold
VOUT = Vfb
10
%Vout
1.
Specification referred to TJ from -40°C to +125°C. Specification over the -40 to +125°C TJ temperature range are assured
by design, characterization and statistical correlation.
2.
Guaranteed by design
Table 4. Electrical characteristcs (continued)
(TJ = 25°C, VIN = 3.6V unless otherwise specified)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com