Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16215BNFST6 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 16215BNFST6
Description  16 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16215BNFST6 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 16215BNFST6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 16215BNFST6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 16215BNFST6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 16215BNFST6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16215BNFST6 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16215BNFST6 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16215BNFST6 Datasheet HTML 9Page - List of Unclassifed Manufacturers 16215BNFST6 Datasheet HTML 10Page - List of Unclassifed Manufacturers 16215BNFST6 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
2. ELECTRICAL / OPTICAL CHARACTERISTICS
2.1 DC Electrical Characteristics (VDD = +5V±10% , VSS = 0V, Ta = 25°C )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply voltage for logic
VDD
---
4.5
5.0
5.5
V
Supply current for logic
IDD
---
---
1.0
1.5
mA
0°C
---
---
---
V
25°C
0
---
VDD
V
Operating voltage for LCD
VDD-VO
50°C
---
---
---
V
Input voltage ' H ' level
VIH
---
VDD - 2.2
---
VDD
V
Input voltage ' L ' level
VIL
---
0
---
0.8
V
2.2 AC Electrical Characteristics
• Write Mode
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Test pin
E cycle time
tC
500
---
---
ns
E
E rise time
tr
---
---
25
ns
E
E fall time
tf
---
---
25
ns
E
E pulse width (High, Low)
tW
300
---
---
ns
E
R/W and RS set-up time (8 Bit)
tSU1
60
---
---
ns
R/W, RS
R/W and RS set-up time (4 Bit)
tSU1
100
---
---
ns
R/W, RS
R/W and RS hold time
th1
10
---
---
ns
R/W, RS
Data set-up time
tSU2
100
---
---
ns
DB0 ~ DB7
Data hold time
th2
10
---
---
ns
DB0 ~ DB7
PACIFIC DISPLAY DEVICES
09.29.2003
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com