Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC93 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC93
Description  High-Speed CMOS Logic 4-Bit Binary Ripple Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC93 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC93 Datasheet HTML 1Page - Texas Instruments CD74HC93 Datasheet HTML 2Page - Texas Instruments CD74HC93 Datasheet HTML 3Page - Texas Instruments CD74HC93 Datasheet HTML 4Page - Texas Instruments CD74HC93 Datasheet HTML 5Page - Texas Instruments CD74HC93 Datasheet HTML 6Page - Texas Instruments CD74HC93 Datasheet HTML 7Page - Texas Instruments CD74HC93 Datasheet HTML 8Page - Texas Instruments CD74HC93 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS138C
Features
• Can Be Configured to Divide By 2, 8, and 16
• Asynchronous Master Reset
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD74HC93
(PDIP, SOIC)
CD74HCT93
(PDIP)
TOP VIEW
Description
The CD74HC93 and CD74HCT93 are high-speed silicon-gate
CMOS devices and are pin-compatible with low power
Schottky TTL (LSTTL). These 4-bit binary ripple counters
consist of four master-slave flip-flops internally connected to
provide a divide-by-two section and a divide- by-eight section.
Each section has a separate clock input (CP0 and CP1) to
initiate state changes of the counter on the HIGH to LOW
clock transition. State changes of the Qn outputs do not occur
simultaneously because of internal ripple delays. Therefore,
decoded output signals are subject to decoding spikes and
should not be used for clocks or strobes.
A gated AND asynchronous master reset (MR1 and MR2 is
provided which overrides both clocks and resets (clears) all
flip-flops.
Because the output from the divide by two section is not
internally connected to the succeeding stages, the device
may be operated in various counting modes.
In a 4-bit ripple counter the output Q0 must be connected
externally to input CP1. The input count pulses are applied
to clock input CP0. Simultaneous frequency divisions of 2, 4,
8, and 16 are performed at the Q0,Q1,Q2, and Q3 outputs
as shown in the function table. As a 3-bit ripple counter the
input count pulses are applied to input CP1.
Simultaneous frequency divisions of 2, 4, and 8 are available
at the Q1,Q2,Q3 outputs. Independent use of the first flip-
flop is available if the reset function coincides with the reset
of the 3-bit ripple-through counter.
CP1
MR1
MR2
NC
VCC
NC
NC
CPO
NC
Q0
Q3
GND
Q1
Q2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD74HC93E
-55 to 125
14 Ld PDIP
CD74HC93M
-55 to 125
14 Ld SOIC
CD74HC93MT
-55 to 125
14 Ld SOIC
CD74HC93M96
-55 to 125
14 Ld SOIC
CD74HCT93E
-55 to 125
14 Ld PDIP
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
August 1997 - Revised September 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD74HC93,
CD74HCT93
High-Speed CMOS Logic
4-Bit Binary Ripple Counter
[ /Title
(CD74
HC93,
CD74
HCT93
)
/Sub-
ject
(High
Speed
CMOS
Logic
4-Bit
Binary
Ripple
Counte
r)


Similar Part No. - CD74HC93

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC93 TI-CD74HC93 Datasheet
48Kb / 7P
High Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93 TI-CD74HC93 Datasheet
260Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93 TI-CD74HC93 Datasheet
381Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93 TI2-CD74HC93 Datasheet
917Kb / 22P
CD74HC93, CD74HCT93 High-Speed CMOS Logic 4-Bit Binary Ripple Counter
REVISED MARCH 2022
CD74HC93E TI-CD74HC93E Datasheet
48Kb / 7P
High Speed CMOS Logic 4-Bit Binary Ripple Counter
More results

Similar Description - CD74HC93

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
Dual 4-Bit Binary Ripple Counter
REV 0
logo
NXP Semiconductors
74HC93 PHILIPS-74HC93 Datasheet
45Kb / 7P
4-bit binary ripple counter
December 1990
logo
Texas Instruments
CD74HC4024 TI-CD74HC4024 Datasheet
40Kb / 7P
High Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC93 TI-CD74HC93 Datasheet
48Kb / 7P
High Speed CMOS Logic 4-Bit Binary Ripple Counter
CD54HC4024 TI-CD54HC4024 Datasheet
283Kb / 11P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_06 Datasheet
290Kb / 13P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC93 TI-CD74HC93_07 Datasheet
260Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_07 Datasheet
440Kb / 15P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_08 Datasheet
470Kb / 15P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC93 TI-CD74HC93_08 Datasheet
381Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com