Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM134 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM134
Description  THREE TERMINAL ADJUSTABLE CURRENT SOURCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM134 Datasheet(HTML) 1 Page - STMicroelectronics

  LM134 Datasheet HTML 1Page - STMicroelectronics LM134 Datasheet HTML 2Page - STMicroelectronics LM134 Datasheet HTML 3Page - STMicroelectronics LM134 Datasheet HTML 4Page - STMicroelectronics LM134 Datasheet HTML 5Page - STMicroelectronics LM134 Datasheet HTML 6Page - STMicroelectronics LM134 Datasheet HTML 7Page - STMicroelectronics LM134 Datasheet HTML 8Page - STMicroelectronics LM134 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
s OPERATES FROM 1V TO 40V
s 0.02%/V CURRENT REGULATION
s PROGRAMMABLE FROM 1µA TO 10mA
s ±3% INITIAL ACCURACY
DESCRIPTION
The LM134/LM234/LM334 are 3-terminal adjust-
able current sources characterized by:
u an operating current range of 10000: 1
u an excellent current regulation
u a wide dynamic voltage range of 1V t 10V
The current is determined by an external resistor
without requiring other external components.
Reverse voltages of up to 20V will only draw a cur-
rent of several microamperes. This enables the
circuit to operate as a rectifier and as a source of
current in a.c. applications.
For the LM134/LM234/LM334, the voltage on the
control pin is 64mV at +25°C and is directly pro-
portional to the absolute temperature (°K). The
simplest external resistor connection generates a
current with
≈ 0.33%/°C temperature dependence.
Zero drift can be obtained by adding an additional
resistor and a diode to the external circuit.
ORDER CODE
Z = TO92 Plastic package - also available in Bulk (Z), Tape & Reel (ZT)
and Ammo Pack (AP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
ZD
LM134
-55°C, +125°C
••
LM234
-25°C, +100°C
••
LM334
0°C, +70°C
••
Z
TO92
(Plastic Package)
D
SO8
(Plastic Micropackage)
ADJ
v+
v-
21
3
8765
1234
NC
NC
V-
NC
ADJ
NC
NC
V+
TO92
(Top view)
SO8
(Top view)
LM134
LM234 - LM334
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
May 2003


Similar Part No. - LM134

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
273Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134 Datasheet
109Kb / 10P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
Oct-1997
logo
Linear Technology
LM134 LINER-LM134 Datasheet
156Kb / 12P
Constant Current Source and Temperature Sensor
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
755Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134 Datasheet
500Kb / 16P
Three terminal adjustable current sources
29-May-2007
More results

Similar Description - LM134

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
273Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
Oct-1997
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
Three terminal adjustable current sources
29-May-2007
logo
Texas Instruments
LM234Z-6 TI-LM234Z-6 Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI-LM334M Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI1-LM234Z-6 Datasheet
1Mb / 25P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI1-LM334M Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI-LM134_15 Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI1-LM134_16 Datasheet
1Mb / 26P
3-Terminal Adjustable Current Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com