Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317L Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM317L
Description  LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM317L Datasheet(HTML) 4 Page - STMicroelectronics

  LM317L Datasheet HTML 1Page - STMicroelectronics LM317L Datasheet HTML 2Page - STMicroelectronics LM317L Datasheet HTML 3Page - STMicroelectronics LM317L Datasheet HTML 4Page - STMicroelectronics LM317L Datasheet HTML 5Page - STMicroelectronics LM317L Datasheet HTML 6Page - STMicroelectronics LM317L Datasheet HTML 7Page - STMicroelectronics LM317L Datasheet HTML 8Page - STMicroelectronics LM317L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LM217L/LM317L
4/13
Table 4: Electrical Characteristics Of LM317L (refer to the test circuits, TJ = 0 to 125°C,
VI - VO = 5 V, IO = 40 mA, unless otherwise specified).
(*) CADJ is connected between Adjust pin and Ground.
Figure 4: Current Limit
Figure 5: Minimum Operating Current
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
∆VO
Line Regulation
VI - VO = 3 to 40 V
IL < 20 mA
TJ = 25°C
0.01
0.04
%/V
0.02
0.07
∆VO
Load Regulation
VO ≤ 5 V
IO = 5 to 100 mA
TJ = 25°C
5
25
mV
20
70
VO ≥ 5 V
IO = 5 to 100 mA
TJ = 25°C
0.1
0.5
%
0.3
1.5
IADJ
Adjustment Pin Current
50
100
µA
∆IADJ Adjustment Pin Current
VI - VO = 3 to 40 V
IO = 5 to 100 mA
Pd < 625 mW
0.2
5
µA
VREF
Reference Voltage
VI - VO = 3 to 40 V
IO = 5 to 100 mA
Pd < 625 mW
1.21.251.3
V
∆VO/VO Output Voltage
Temperature Stability
0.7
%
IO(min)
Minimum Load Current
VI - VO = 40 V
3.5
5
mA
IO(max) Maximum Output Current
VI - VO = 3 to 13 V
100
200
mA
VI - VO = 40 V
50
eN
Output Noise Voltage
B = 10 Hz to 10 KHzTJ = 25°C
0.003
%
SVR
Supply Voltage Rejection (*) TJ = 25°C
f = 120 Hz
CADJ = 0
65
dB
CADJ = 10 µF
66
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com