Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217L Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM217L
Description  LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM217L Datasheet HTML 2Page - STMicroelectronics LM217L Datasheet HTML 3Page - STMicroelectronics LM217L Datasheet HTML 4Page - STMicroelectronics LM217L Datasheet HTML 5Page - STMicroelectronics LM217L Datasheet HTML 6Page - STMicroelectronics LM217L Datasheet HTML 7Page - STMicroelectronics LM217L Datasheet HTML 8Page - STMicroelectronics LM217L Datasheet HTML 9Page - STMicroelectronics LM217L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LM217L/LM317L
6/13
Figure 8: Slow Turn-on 15V Regulator
Figure 9: Current Regulator
Figure 10: 5V Electronic Shut-down Regulator
1.25V

R1
Vref
IO =  + IADJ ≈
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com