Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217LZ Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM217LZ
Description  LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217LZ Datasheet(HTML) 5 Page - STMicroelectronics

  LM217LZ Datasheet HTML 1Page - STMicroelectronics LM217LZ Datasheet HTML 2Page - STMicroelectronics LM217LZ Datasheet HTML 3Page - STMicroelectronics LM217LZ Datasheet HTML 4Page - STMicroelectronics LM217LZ Datasheet HTML 5Page - STMicroelectronics LM217LZ Datasheet HTML 6Page - STMicroelectronics LM217LZ Datasheet HTML 7Page - STMicroelectronics LM217LZ Datasheet HTML 8Page - STMicroelectronics LM217LZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LM217L/LM317L
5/13
APPLICATION INFORMATION
The LM317L provides an internal reference
voltage
of
1.25V
between
the
output
and
adjustments terminals. This is used to set a
constant current flow across an external resistor
divider (see fig. 4), giving an output voltage VO of:
VO = VREF (1 + R2/R1) + IADJ R2
The device was designed to minimize the term
IADJ (100µA max) and to maintain it very constant
with line and load changes. Usually, the error term
IADJ × R2 can be neglected. To obtain the previous
requirement, all the regulator quiescent current is
returned to the output terminal, imposing a
minimum load current condition. If the load is
insufficient, the output voltage will rise.
Since the LM317L is a floating regulator and
"sees" only the input-to-output differential voltage,
supplies of very high voltage with respect to
ground can be regulated as long as the maximum
input-to-output
differential
is
not
exceeded.
Furthermore, programmable regulator are easily
obtainable and, by connecting a fixed resistor
between the adjustment and output, the device
can be used as a precision current regulator. In
order to optimize the load regulation, the current
set resistor R1 (see fig. 4) should be tied as close
as possible to the regulator, while the ground
terminal of R2 should be near the ground of the
load to provide remote ground sensing.
Figure 6: Basic Adjustable Regulator
Figure 7: Voltage Regulator with Protection Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com