Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16215BNFST12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 16215BNFST12
Description  16 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16215BNFST12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  16215BNFST12 Datasheet HTML 1Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 2Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 3Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 4Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 5Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16215BNFST12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16215
1. GENERAL INFORMATION
1. GENERAL INFORMATION
1.1 Product Overview
1.1 Product Overview
• 16 Character x 2 line Alphanumeric Dot Matrix LCD Module
• 16 Character x 2 line Alphanumeric Dot Matrix LCD Module
• 5V Operation
• 5V Operation
• LCD Controller: Chip on Glass (COG) NT7603 or equivalent alpha-numeric controller
• LCD Controller: Chip on Glass (COG) NT7603 or equivalent alpha-numeric controller
• 4 Bit and 8 Bit parallel data interface options
• 4 Bit and 8 Bit parallel data interface options
• Multiplexing driving: 1/16 duty, 1/4 bias
• Multiplexing driving: 1/16 duty, 1/4 bias
• Operating Mode: TN (Twisted Nematic) or Super Twisted Nematic (STN) technology
• Operating Mode: TN (Twisted Nematic) or Super Twisted Nematic (STN) technology
• LCD Module Service Life: 100,000 hours minimum
• LCD Module Service Life: 100,000 hours minimum
1.2 Part Numbering System
1.2 Part Numbering System
16215
16215
-SL
-SL
-R
-R
-ST
-ST
-12
-12
Custom Option Designator
• (Leave Blank)
PACIFIC DISPLAY DEVICES
09.29.2003
2
Operating Mode
• (-GR) STN Green
• (-SL) STN Silver
• (-BN) STN Blue Negative
• (-TN) TN
Rear Polarizer Options:
• (-R) Reflective
• (-F) Transflective
• (-M) Transmissive
Operating Temperature
• (-ST) Standard (0 to +50 ºC)
• (-ET) Extended (-20 to +70 ºC)
Viewing Angle
• (-6) 6 o’clock
• (-12) 12 0’clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com