Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7812ABP Datasheet(PDF) 11 Page - STMicroelectronics

Part # L7812ABP
Description  Precision 1A regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7812ABP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L7812ABP Datasheet HTML 7Page - STMicroelectronics L7812ABP Datasheet HTML 8Page - STMicroelectronics L7812ABP Datasheet HTML 9Page - STMicroelectronics L7812ABP Datasheet HTML 10Page - STMicroelectronics L7812ABP Datasheet HTML 11Page - STMicroelectronics L7812ABP Datasheet HTML 12Page - STMicroelectronics L7812ABP Datasheet HTML 13Page - STMicroelectronics L7812ABP Datasheet HTML 14Page - STMicroelectronics L7812ABP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
L7800AB/AC series
Electrical characteristics
11/28
Table 8.
Electrical characteristics of L7815A (VI = 23V, IO=1A, TJ = 0 to 150°C (L7815AC),
TJ = -40 to 125°C (L7815AB), unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
14.7
15
15.3
V
VO
Output voltage
IO = 5mA to 1A, PO ≤15W
VI = 17.9 to 30V
14.4
15
15.6
V
∆VO (1) Line regulation
VI = 17.9 to 30V, IO = 500 mA
13
150
mV
VI = 20 to 26V
16
150
mV
VI = 20 to 26V, TJ = 25°C
6
75
mV
VI = 17.5 to 30V, TJ = 25°C
13
150
mV
∆VO (1) Load regulation
IO = 5mA to 1A
25
100
mV
IO = 5mA to 1.5A, TJ = 25°C
30
100
V
IO = 250 to 750mA
10
50
V
Iq
Quiescent current
TJ = 25°C
4.4
6
mA
6mA
∆Iq
Quiescent current change
VI = 17.5 to 30V, IO = 500 mA
0.8
mA
VI = 17.5 to 30V, TJ = 25°C
0.8
mA
IO = 5mA to 1A
0.5
mA
SVR
Supply voltage rejection
VI = 18.5 to 28.5V, f = 120Hz,
IO = 500mA
58
dB
Vd
Dropout voltage
IO = 1A, TJ = 25°C
2
V
eN
Output noise voltage
TA = 25°C, B =10Hz to 100KHz
10
µV/VO
RO
Output resistance
f =1KHz
19
m
Ω
Isc
Short circuit current
VI = 35V, TA = 25°C
0.2
A
Iscp
Short circuit peak current
TJ = 25°C
2.2
A
∆VO/∆T Output voltage drift
-1
mV/°C
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com