Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-RMW6TP Datasheet(PDF) 29 Page - STMicroelectronics

Part # M24512-RMW6TP
Description  512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-RMW6TP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M24512-RMW6TP Datasheet HTML 23Page - STMicroelectronics M24512-RMW6TP Datasheet HTML 24Page - STMicroelectronics M24512-RMW6TP Datasheet HTML 25Page - STMicroelectronics M24512-RMW6TP Datasheet HTML 26Page - STMicroelectronics M24512-RMW6TP Datasheet HTML 27Page - STMicroelectronics M24512-RMW6TP Datasheet HTML 28Page - STMicroelectronics M24512-RMW6TP Datasheet HTML 29Page - STMicroelectronics M24512-RMW6TP Datasheet HTML 30Page - STMicroelectronics M24512-RMW6TP Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
M24512-W, M24512-R, M24256-BW, M24256-BR
Revision history
29/31
9
Revision history
Table 19.
Document revision history
Date
Revision
Changes
29-Jan-2001
1.1
Lead Soldering Temperature in the Absolute Maximum Ratings table
amended
Write Cycle Polling Flow Chart using ACK illustration updated
LGA8 and SO8(wide) packages added
References to PSDIP8 changed to PDIP8, and Package Mechanical data
updated
10-Apr-2001
1.2
LGA8 Package Mechanical data and illustration updated
SO16 package removed
16-Jul-2001
1.3
LGA8 Package given the designator “LA”
02-Oct-2001
1.4
LGA8 Package mechanical data updated
13-Dec-2001
1.5
Document becomes Preliminary Data
Test conditions for ILI, ILO, ZL and ZH made more precise
VIL and VIH values unified. tNS value changed
12-Jun-2001
1.6
Document promoted to Full Datasheet
22-Oct-2003
2.0
Table of contents, and Pb-free options added. Minor wording changes in
Summary Description, Power-On Reset, Memory Addressing, Write
Operations, Read Operations. VIL(min) improved to –0.45V.
02-Sep-2004
3.0
LGA8 package is Not for New Design. 5V and -S supply ranges, and
Device Grade 5 removed. Absolute Maximum Ratings for VIO(min) and
VCC(min) changed. Soldering temperature information clarified for RoHS
compliant devices. Device grade information clarified. AEC-Q100-002
compliance. VIL specification unified for SDA, SCL and WC
22-Feb-2005
4.0
Initial delivery state is FFh (not necessarily the same as Erased).
LGA package removed, TSSOP8 and SO8N packages added (see
Package mechanical section and <Blue>Table 18., Ordering information
scheme).
Voltage range R (1.8V to 5.5V) also offered. Minor wording changes.
ZL Test Conditions modified in <Blue>Table 10., Input parameters and
Note 3. added.
ICC and ICC1 values for VCC = 5.5V added to <Blue>Table 11., DC
characteristics (M24xxx-W).
Note added to <Blue>Table 11., DC characteristics (M24xxx-W).
Power On Reset paragraph specified.
tW max value modified in <Blue>Table 13., AC characteristics (M24xxx-
W, see Table 7 and Table 9) and note 4 added. Plating technology
changed in <Blue>Table 18., Ordering information scheme.
Resistance and capacitance renamed in <Blue>Figure 4., Maximum RP
Value versus Bus Parasitic Capacitance (C) for an I2C Bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com