Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT30V Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUT30V
Description  NPN TRANSISTOR POWER MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUT30V Datasheet(HTML) 2 Page - STMicroelectronics

  BUT30V Datasheet HTML 1Page - STMicroelectronics BUT30V Datasheet HTML 2Page - STMicroelectronics BUT30V Datasheet HTML 3Page - STMicroelectronics BUT30V Datasheet HTML 4Page - STMicroelectronics BUT30V Datasheet HTML 5Page - STMicroelectronics BUT30V Datasheet HTML 6Page - STMicroelectronics BUT30V Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-case
Rthc-h
Thermal Resistance Junction-case
Max
Thermal Resistance Case-heatsink With Conductive
Grease Applied
Max
0.5
0.05
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER
Collector Cut-off
Current (RBE = 5
Ω)
VCE = VCEV
VCE = VCEV
Tc = 100
o C
1
5
mA
mA
ICEV
Collector Cut-off
Current (VBE = -5V)
VCE = VCEV
VCE = VCEV
Tc = 100
o C
1
4
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)* Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 0.2 A
L = 25 mH
Vclamp = 125 V
125
V
hFE
∗
DC Current Gain
IC = 100 A
VCE = 5
27
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 50 A
IB = 2.5 A
IC = 50 A
IB = 2.5 A
Tc = 100
o C
IC = 100 A
IB = 10 A
IC = 100 A
IB = 10 A
Tc = 100
oC
0.45
0.55
0.7
0.9
0.9
1.2
0.9
1.5
V
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 50 A
IB = 2.5 A
IC = 50 A
IB = 2.5 A
Tc = 100
o C
IC = 100 A
IB = 10 A
IC = 100 A
IB = 10 A
Tc = 100
oC
1.15
1.1
1.45
1.55
1.4
1.4
1.8
1.9
V
V
V
V
diC/dt
Rate of Rise of
On-state Collector
VCC = 300 V
RC = 0
tp = 3
µs
IB1 = 15 A
Tc = 100
oC
270
350
A/
µs
VCE(3
µs) Collector-Emitter
Dynamic Voltage
VCC = 300 V
RC = 1
Ω
IB1 = 15 A
Tc = 100
oC
2.7
3.5
V
VCE(5
µs) Collector-Emitter
Dynamic Voltage
VCC = 300 V
RC = 1
Ω
IB1 = 15 A
Tc = 100
oC
2
2.5
V
ts
tf
tc
Storage Time
Fall Time
Cross-over Time
IC = 100 A
VCC = 90 V
VBB = -5 V
RBB = 0.47
Ω
Vclamp = 125 V IB1 = 10 A
L = 45
µH
Tc = 100
oC
1
0.1
0.2
2
0.2
0.35
µs
µs
µs
VCEW
Maximum Collector
Emitter Voltage
Without Snubber
ICWoff = 150 A
IB1 = 10 A
VBB = -5 V
VCC = 90 V
L = 30
µH
RBB = 0.5
Ω
Tc = 125
oC
125
V
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BUT30V
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com