Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT32V Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUT32V
Description  NPN TRANSISTOR POWER MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUT32V Datasheet(HTML) 2 Page - STMicroelectronics

  BUT32V Datasheet HTML 1Page - STMicroelectronics BUT32V Datasheet HTML 2Page - STMicroelectronics BUT32V Datasheet HTML 3Page - STMicroelectronics BUT32V Datasheet HTML 4Page - STMicroelectronics BUT32V Datasheet HTML 5Page - STMicroelectronics BUT32V Datasheet HTML 6Page - STMicroelectronics BUT32V Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-case
Rthc-h
Thermal Resistance Junction-case
Max
Thermal Resistance Case-heatsink With Conductive
Grease Applied
Max
0.5
0.05
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER
Collector Cut-off
Current (RBE = 5
Ω)
VCE = VCEV
VCE = VCEV
Tc = 100
oC
1
5
mA
mA
ICEV
Collector Cut-off
Current (VBE = -5)
VCE = VCEV
VCE = VCEV
Tc = 100
oC
1
4
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)* Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 0.2 A
L = 25 mH
Vclamp = 300 V
300
V
hFE
∗
DC Current Gain
IC = 40 A
VCE = 5 V
16
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 40 A
IB = 4 A
IC = 40 A
IB = 4 A
Tc = 100
oC
0.6
1.2
0.9
1.9
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 40 A
IB = 4 A
IC = 40 A
IB = 4 A
Tc = 100
oC
1.12
1.1
1.3
1.3
V
V
diC/dt
Rate of Rise of
On-state Collector
VCC = 300 V
RC = 0
tp = 3
µs
IB1 = 6 A
Tc = 100
oC
120
180
A/
µs
VCE(3
µs) Collector-Emitter
Dynamic Voltage
VCC = 300 V
RC = 6.2
Ω
IB1 = 6 A
Tc = 100
oC
36
V
VCE(5
µs) Collector-Emitter
Dynamic Voltage
VCC = 300 V
RC = 6.2
Ω
IB1 = 6 A
Tc = 100
oC
1.8
3
V
ts
tf
tc
Storage Time
Fall Time
Cross-over Time
IC = 40 A
VCC = 250 V
VBB = -5 V
RBB =
0.6 Ω
Vclamp = 300 V
IB1 = 4 A
L = 0.3 mH
Tc = 100
oC
1.9
0.12
0.35
3
0.4
0.7
µs
µs
µs
VCEW
Maximum Collector
Emitter Voltage
Without Snubber
ICWoff = 60 A
IB1 = 4 A
VBB = -5 V
VCC = 50 V
L = 42
µH
RBB = 0.6
Ω
Tc = 125
oC
300
V
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BUT32V
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com