Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV26 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUV26
Description  MEDIUM POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV26 Datasheet(HTML) 1 Page - STMicroelectronics

  BUV26 Datasheet HTML 1Page - STMicroelectronics BUV26 Datasheet HTML 2Page - STMicroelectronics BUV26 Datasheet HTML 3Page - STMicroelectronics BUV26 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUV26
MEDIUM POWER NPN SILICON TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
NPN TRANSISTOR
s
FAST SWITCHING SPEED
s
LOW COLLECTOR EMITTER SATURATION
APPLICATIONS
s
SWITCHING REGULATORS
s
MOTOR CONTROL
DESCRIPTION
The BUV26 is a Multiepitaxial Planar NPN
Transistor in TO-220 package. It is intended for
use in high frequency and efficency converters,
switching regulators and motor control.
®
INTERNAL SCHEMATIC DIAGRAM
February 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-base Voltage (IE = 0)
180
V
VCEO
Collector-Emitter Voltage (IB = 0)
90
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Emitter Current
14
A
ICM
Collector Peak Current (tp <10ms)
25
A
IB
Base Current
4
A
IBM
Base Peak Current (tp <10ms)
6
A
Ptot
Total Dissipation at Tc < 25
oC85
W
Ptot
Total Dissipation at Tc < 60
oC65
W
Tstg
Storage Temperature
-65 to +175
oC
Tj
Max. Operating Junction Temperature
175
oC
1
2
3
TO-220
1/4


Similar Part No. - BUV26

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUV26 STMICROELECTRONICS-BUV26 Datasheet
62Kb / 4P
MEDIUM POWER NPN SILICON TRANSISTOR
Jun-1997
logo
ON Semiconductor
BUV26 ONSEMI-BUV26 Datasheet
46Kb / 3P
Switchmode Series NPN Silicon Power Transistor
August, 2005 ??Rev. 1
logo
Savantic, Inc.
BUV26 SAVANTIC-BUV26 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
logo
ON Semiconductor
BUV26 ONSEMI-BUV26 Datasheet
87Kb / 3P
Switchmode Series NPN Silicon Power Transistor
July, 2011 ??Rev. 2
logo
Inchange Semiconductor ...
BUV26 ISC-BUV26 Datasheet
132Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUV26

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
2N3506 MICROSEMI-2N3506 Datasheet
96Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56 Datasheet
182Kb / 2P
NPN Silicon Medium Power Transistor
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
Medium Power Transistor NPN silicon
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
NPN Silicon Medium Power Transistor
CZT31C-C SECOS-CZT31C-C Datasheet
251Kb / 2P
NPN Silicon Medium Power Transistor
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
NPN Silicon Medium Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com