Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV28 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUV28
Description  NPN SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV28 Datasheet(HTML) 1 Page - STMicroelectronics

  BUV28_03 Datasheet HTML 1Page - STMicroelectronics BUV28_03 Datasheet HTML 2Page - STMicroelectronics BUV28_03 Datasheet HTML 3Page - STMicroelectronics BUV28_03 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUV28
NPN SWITCHING TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
NPN TRANSISTOR
s
VERY LOW SATURATION VOLTAGE
s
FAST TURN-OFF AND TURN-ON
APPLICATIONS:
s
SWITCHING REGULATORS
s
SOLENOID / RELAY DRIVERS
DESCRIPTION
High speed transistor suited for low voltage
applications.
High
frequency
and
efficiency
converters
switching regulators motor control.
®
INTERNAL SCHEMATIC DIAGRAM
March 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-base Voltage (IE = 0)
400
V
VCEO
Collector-Emitter Voltage (IB = 0)
200
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
10
A
ICM
Collector Peak Current (tp < 5ms)
15
A
IB
Base Current
2
A
IBM
Base Peak Current (tp < 5ms)
4
A
Ptot
Total Dissipation at Tc < 25
o C85
W
Ptot
Total Dissipation at Tc < 60
o C65
W
Tstg
Storage Temperature
-65 to +175
oC
Tj
Max. Operating Junction Temperature
175
oC
1
2
3
TO-220
1/4


Similar Part No. - BUV28_03

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUV28A ISC-BUV28A Datasheet
191Kb / 2P
isc Silicon NPN Power Transistor
BUV28AF ISC-BUV28AF Datasheet
193Kb / 2P
isc Silicon NPN Power Transistor
BUV28F ISC-BUV28F Datasheet
193Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BUV28_03

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
NPN Switching Transistor
logo
Solid States Devices, I...
SFT6800S.5 SSDI-SFT6800S.5_1 Datasheet
94Kb / 2P
NPN switching Transistor
logo
Galaxy Semi-Conductor H...
MMBT2222AT BILIN-MMBT2222AT Datasheet
184Kb / 4P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT2222AT-SOT-523 LUGUANG-MMBT2222AT-SOT-523 Datasheet
1Mb / 4P
NPN SWITCHING TRANSISTOR
logo
TT Electronics.
2N2369A TTELEC-2N2369A Datasheet
233Kb / 3P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT3904 LUGUANG-MMBT3904 Datasheet
1Mb / 3P
NPN SWITCHING TRANSISTOR
logo
AiT Semiconductor Inc.
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com