Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV28 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUV28
Description  NPN SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV28 Datasheet(HTML) 2 Page - STMicroelectronics

  BUV28 Datasheet HTML 1Page - STMicroelectronics BUV28 Datasheet HTML 2Page - STMicroelectronics BUV28 Datasheet HTML 3Page - STMicroelectronics BUV28 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.76
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER
Collector Cut-off
Current
(RBE = 5
0Ω)
VCE = 400V
Tc = 125
oC3
mA
ICEX
Collector Cut-off
Current
(VBE = -1.5V)
VCE = 400V
Tc = 125
oC1
mA
IEBO
Emitter Cut-off
Current (IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 0.2 A
200
V
VEBO
Emitter-Base
Voltage (IC = 0)
IE = 50 mA
7
30
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 3 A
IB = 0.3 A
IC = 6 A
IB = 0.6 A
0.7
1.5
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 6 A
IB = 0.6 A
2
V
ton
ts
tf
RESISTIVE LOAD
Storage Time
Fall Time
Turn-on Time
VCC = 150 V
IC = 6 A
VBE = - 6 V
IB1 = 0.6 A
RBB = 5
Ω
IB2 = - 1.2 A
1
1.5
0.25
µs
µs
µs
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
VCC = 150 V
IC = 6 A
IB1 = 0.6 A
VBE = - 5 V
LB = 3
µH
Tc
= 125
oC
3
0.2
µs
µs
∗ Pulsed: Pulse duration = 300µs, duty cycle = 2 %
BUV28
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com