Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-RMW6TG Datasheet(PDF) 21 Page - STMicroelectronics

Part # M24512-RMW6TG
Description  512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-RMW6TG Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M24512-RMW6TG Datasheet HTML 17Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 18Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 19Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 20Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 21Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 22Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 23Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 24Page - STMicroelectronics M24512-RMW6TG Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
M24512-W, M24512-R, M24256-BW, M24256-BR
DC and AC parameters
21/31
Table 10.
Input parameters
Symbol
Parameter(1),(2)
1.
TA = 25 °C, f = 400 kHz
2.
Sampled only, not 100% tested.
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
ZL
(3)
3.
E2,E1,E0: Input impedance when the memory is selected (after a Start condition).
Input Impedance
(E2, E1, E0, WC)
VIN < 0.3VCC
30
k
Ω
ZH
(3)
Input Impedance
(E2, E1, E0, WC)
VIN > 0.7VCC
500
k
Ω
tNS
Pulse width ignored
(Input Filter on SCL and SDA)
Single glitch
100
ns
Table 11.
DC characteristics (M24xxx-W)
Symbol
Parameter
Test conditions (see Table 7 and
Table 9)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E0, E1, E2)
VIN = VSS or VCC
device in Standby mode(1)
1.
When the device is selected (after a START condition), the Ei inputs have a different input impedance, as
defined in Table 10.
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current (Read)
VCC = 2.5V, fc=400kHz (rise/fall time
< 30ns)
1mA
VCC = 5.5V, fc=400kHz (rise/fall time
< 30ns)
2mA
ICC0
Supply Current (Write)
During tW, 2.5V < VCC < 5.5V
5(2)
2.
Characterized value, not tested in production.
mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC, VCC = 2.5 V
2
µA
VIN = VSS or VCC, VCC = 5.5 V
5
µA
VIL
Input Low Voltage
(SCL, SDA, WC)
–0.45
0.3VCC
V
VIH
Input High Voltage
(SCL, SDA, WC)
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 2.1 mA, VCC = 2.5 V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com