Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV298V Datasheet(PDF) 4 Page - STMicroelectronics

Part # BUV298V
Description  NPN transistor power module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV298V Datasheet(HTML) 4 Page - STMicroelectronics

  BUV298V Datasheet HTML 1Page - STMicroelectronics BUV298V Datasheet HTML 2Page - STMicroelectronics BUV298V Datasheet HTML 3Page - STMicroelectronics BUV298V Datasheet HTML 4Page - STMicroelectronics BUV298V Datasheet HTML 5Page - STMicroelectronics BUV298V Datasheet HTML 6Page - STMicroelectronics BUV298V Datasheet HTML 7Page - STMicroelectronics BUV298V Datasheet HTML 8Page - STMicroelectronics BUV298V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
BUV298V
4/12
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER
Collector cut-off current
(RBE =5W)
VCE =VCEV
VCE =VCEV
Tj =100°C
0.4
2
mA
mA
ICEV
Collector cut-off current
(VBE =-5V)
VCE =VCEV
VCE =VCEV
Tj =100°C
0.4
2
mA
mA
IEBO
Emitter cut-off current
(IC =0)
VEB =5V
2mA
VCEO(sus) (1)
Collector-emitter
sustaining voltage
(IB = 0)
IC =0.2A
L =25mH
Vclamp =450V
450
V
hFE
DC current gain
IC =32A
VCE =5V
12
VCE(sat) (1) Collector-emitter
saturation voltage
IC =32A IB =6.4A
IC =32A IB =6.4A Tj =100°C
0.35
0.6
1.2
2
V
V
VBE(sat) (1)
Base-emitter saturation
voltage
IC =32A IB =6.4A
IC =32A IB =6.4A Tj =100°C
1
0.9
1.5
1.5
V
V
dic/dt
Rate of rise of On-state
collector
VCC =300V RC =0 tp=3µs
IB1 =9.6A
Tj =100°C
160
210
A/
µs
VCE(3µs)
Collector-emitter
dynamic voltage
VCC =300V RC =9.3Ω
IB1 =9.6A
Tj =100°C
4.5
8
V
VCE(5µs)
Collector-emitter
dynamic voltage
VCC =300V RC =9.3Ω
IB1 =9.6A
Tj =100°C
2.5
4
V
ts
tf
tc
Storage time
Fall time
Cross-over time
IC =32A
VCC =50V
VBB=-5V
RBB =0.39Ω
IB1 =6.4A
Vclamp =450V
L =78
µH
Tj =100°C
3.2
0.25
0.5
4.5
0.4
0.7
µs
µs
µs
VCEW
Maximum collector-
emitter voltage without
snubber
ICWoff =48A IB1 =6.4A
VBB=-5V
VCC =50V
L =52
µH
RBB =0.39Ω
Tj =125°C
450
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com