Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D44H11 Datasheet(PDF) 2 Page - STMicroelectronics

Part # D44H11
Description  NPN SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D44H11 Datasheet(HTML) 2 Page - STMicroelectronics

  D44H11 Datasheet HTML 1Page - STMicroelectronics D44H11 Datasheet HTML 2Page - STMicroelectronics D44H11 Datasheet HTML 3Page - STMicroelectronics D44H11 Datasheet HTML 4Page - STMicroelectronics D44H11 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
2.5
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = rated VCEO
10
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5V
100
µA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 100 mA
for D44H8
for D44H11
60
80
V
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 8 A
IB = 0.4 A
1
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 8 A
IB = 0.8 A
1.5
V
hFE
∗
DC Current Gain
IC = 2 A
VCE = 1 V
IC = 4 A
VCE = 1 V
60
40
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2 %
Safe Operating Area
Derating Curves
D44H8/D44H11
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com