Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D45H11 Datasheet(PDF) 1 Page - STMicroelectronics

Part # D45H11
Description  PNP SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D45H11 Datasheet(HTML) 1 Page - STMicroelectronics

  D45H11 Datasheet HTML 1Page - STMicroelectronics D45H11 Datasheet HTML 2Page - STMicroelectronics D45H11 Datasheet HTML 3Page - STMicroelectronics D45H11 Datasheet HTML 4Page - STMicroelectronics D45H11 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D45H5
D45H8 \ D45H11
PNP SILICON POWER TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
LOW COLLECTOR-EMITTER SATURATION
VOLTAGE
s
FAST SWITCHING SPEED
APPLICATIONS
s
GENERAL PURPOSE SWITCHING AND
AMPLIFIER
DESCRIPTION
The D45H5, D45H8 and D45H11 are silicon
Multi-Epitaxial Planar PNP transistors mounted in
Jedec TO-220 plastic package.
They are inteded for various switching and
general purpose applications.
D45H8, D45H11 are complementary with D44H8,
D44H11.
INTERNAL SCHEMATIC DIAGRAM
February 2003
1
2
3
TO-220
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
D45H5
D45H8
D45H11
VCEO
Collector-Emitter Voltage (IB = 0)
-45
-60
-80
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-10
A
ICM
Collector Peak Current
-20
A
IB
Base Current
-5
A
Ptot
Total Dissipation at Tc
≤ 25 oC
50
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
®
1/5


Similar Part No. - D45H11

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
D45H11 MOSPEC-D45H11 Datasheet
157Kb / 3P
POWER TRANSISTORS(10A,30-80V,50W)
logo
ON Semiconductor
D45H11 ONSEMI-D45H11 Datasheet
103Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
November, 2014 ??Rev. 13
logo
STMicroelectronics
D45H11 STMICROELECTRONICS-D45H11 Datasheet
49Kb / 4P
PNP SILICON POWER TRANSISTORS
Jun-1998
logo
Boca Semiconductor Corp...
D45H11 BOCA-D45H11 Datasheet
163Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D45H11 ONSEMI-D45H11 Datasheet
68Kb / 5P
Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
More results

Similar Description - D45H11

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com