Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2B6/XXX Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST72104G2B6/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2B6/XXX Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST72104G2B6/XXX Datasheet HTML 17Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 18Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 19Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 20Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 21Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 22Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 23Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 24Page - STMicroelectronics ST72104G2B6/XXX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
21/140
7.3 MULTI-OSCILLATOR (MO)
The main clock of the ST7 can be generated by
four different source types coming from the multi-
oscillator block:
s
an external source
s
4 crystal or ceramic resonator oscillators
s
an external RC oscillator
s
an internal high frequency RC oscillator
Each oscillator is optimized for a given frequency
range in terms of consumption and is selectable
through the option byte. The associated hardware
configuration are shown in Table 3. Refer to the
electrical characteristics section for more details.
External Clock Source
In this external clock mode, a clock signal (square,
sinus or triangle) with ~50% duty cycle has to drive
the OSC1 pin while the OSC2 pin is tied to ground.
Crystal/Ceramic Oscillators
This family of oscillators has the advantage of pro-
ducing a very accurate rate on the main clock of
the ST7. The selection within a list of 4 oscillators
with different frequency ranges has to be done by
option byte in order to reduce consumption. In this
mode of the multi-oscillator, the resonator and the
load capacitors have to be placed as close as pos-
sible to the oscillator pins in order to minimize out-
put distortion and start-up stabilization time. The
loading capacitance values must be adjusted ac-
cording to the selected oscillator.
These oscillators are not stopped during the
RESET phase to avoid losing time in the oscillator
start-up phase.
External RC Oscillator
This oscillator allows a low cost solution for the
main clock of the ST7 using only an external resis-
tor and an external capacitor. The frequency of the
external RC oscillator (in the range of some MHz.)
is fixed by the resistor and the capacitor values.
Consequently in this MO mode, the accuracy of
the clock is directly linked to the accuracy of the
discrete components.
Internal RC Oscillator
The internal RC oscillator mode is based on the
same principle as the external RC oscillator includ-
ing the resistance and the capacitance of the de-
vice. This mode is the most cost effective one with
the drawback of a lower frequency accuracy. Its
frequency is in the range of several MHz.
In this mode, the two oscillator pins have to be tied
to ground.
Table 3. ST7 Clock Sources
Hardware Configuration
OSC1
OSC2
EXTERNAL
ST7
SOURCE
OSC1
OSC2
LOAD
CAPACITORS
ST7
CL2
CL1
OSC1
OSC2
ST7
CEX
REX
OSC1
OSC2
ST7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com