Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ2501 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJ2501
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJ2501 Datasheet(HTML) 1 Page - STMicroelectronics

  MJ2501 Datasheet HTML 1Page - STMicroelectronics MJ2501 Datasheet HTML 2Page - STMicroelectronics MJ2501 Datasheet HTML 3Page - STMicroelectronics MJ2501 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MJ2501
MJ3001
COMPLEMENTARY SILICON POWER
DARLINGTON TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
COMPLEMENTARY PNP - NPN DEVICES
APPLICATION
s
AUDIO POWER AMPLIFIER
s
DC-AC CONVERTER
s
EASY DRIVER FOR LOW VOLTAGE
DC MOTOR
s
GENERAL POWER SWITCHING
DESCRIPTION
The MJ2501 is a Silicon Epitaxial-Base PNP
power
transistors
in
monolithic
Darlington
configuration, mounted in Jedec TO-3 metal
case. It is intented for use in power linear and
switching applications.
The complementary NPN type is the MJ3001.
®
INTERNAL SCHEMATIC DIAGRAM
September 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
PNP
MJ2501
NPN
MJ3001
VCBO
Collector-base Voltage (IE = 0)
80
V
VCEO
Collector-emitter Voltage (IB = 0)
80
V
VEBO
Emitter-base Voltage (IC = 0)
5
V
IC
Collector Current
10
A
IB
Base Current
0.2
A
Ptot
Total Dissipation at Tc
≤ 25 oC
150
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max. Operating Junction Temperature
200
oC
For PNP types voltage and current values are negative.
1
2
TO-3
R1 Typ. = 10 K
Ω
R2 Typ. = 150
Ω
1/4


Similar Part No. - MJ2501

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ2501 ONSEMI-MJ2501 Datasheet
98Kb / 4P
DARLINGTON POWER TRANSISTOR COMPLEMENTARY SILICON
1998
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
MJ2501 CENTRAL-MJ2501 Datasheet
54Kb / 1P
Power Transistors
logo
List of Unclassifed Man...
MJ2501 ETC1-MJ2501 Datasheet
485Kb / 4P
10 Ampere Darlington Power Transistors Complementary Silicon
logo
Inchange Semiconductor ...
MJ2501 ISC-MJ2501 Datasheet
72Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
More results

Similar Description - MJ2501

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com