Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ4032 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MJ4032
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJ4032 Datasheet(HTML) 2 Page - STMicroelectronics

  MJ4032 Datasheet HTML 1Page - STMicroelectronics MJ4032 Datasheet HTML 2Page - STMicroelectronics MJ4032 Datasheet HTML 3Page - STMicroelectronics MJ4032 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.17
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICER
Collector Cut-off
Current (RBE = 1K
Ω)
VCE = 100 V
VCE = 100 V
Tc = 150
oC
1
5
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 50 V
3
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
5
mA
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
IC = 100 mA
100
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 10 A
IB = 40 mA
IC = 16 A
IB = 80 mA
2.5
4
V
V
VBE
Base-Emitter Voltage
IC = 10 A
VCE = 3 V
3
V
hFE
DC Current Gain
IC = 10 A
VCE = 3 V
1000
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
For PNP type voltage and current values are negative.
MJ4032 / MJ4035
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com