Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G1B7/XXX Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST72104G1B7/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G1B7/XXX Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST72104G1B7/XXX Datasheet HTML 97Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 98Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 99Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 100Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 101Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 102Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 103Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 104Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
101/140
FUNCTIONAL OPERATING CONDITIONS (Cont’d)
Figure 56. High LVD Threshold Versus V
DD and f
OSC for ROM devices
2)
Figure 57. Medium LVD Threshold Versus V
DD and f
OSC for ROM devices
2)
Figure 58. Low LVD Threshold Versus VDD and fOSC for ROM devices
2)3)
Notes:
1. LVD typical data are based on TA=25°C. They are given only as design guidelines and are not tested.
2. The minimum VDD rise time rate is needed to insure a correct device power-on and LVD reset. Not tested in production.
3. If the low LVD threshold is selected, when VDD falls below 3.2V, the device is guaranteed to be either functioning or
under reset.
fOSC [MHz]
SUPPLY VOLTAGE [V]
16
8
0
2.5
3
3.5
4
4.5
5
5.5
FUNCTIONAL AREA
DEVICE UNDER
RESET
IN THIS AREA
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
VIT-≥3.85
fOSC [MHz]
SUPPLY VOLTAGE [V]
16
8
0
2.5
3
VIT-≥3.5V
4
4.5
5
5.5
FUNCTIONAL AREA
DEVICE UNDER
RESET
IN THIS AREA
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
fOSC [MHz]
SUPPLY VOLTAGE [V]
16
8
0
2.5
VIT-≥3.00V
3.5
4
4.5
5
5.5
FUNCTIONAL AREA
DEVICE UNDER
RESET
IN THIS AREA
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com