Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G1B7/XXX Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST72104G1B7/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G1B7/XXX Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST72104G1B7/XXX Datasheet HTML 99Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 100Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 101Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 102Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 103Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 104Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 105Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 106Page - STMicroelectronics ST72104G1B7/XXX Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
103/140
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
14.4.2 WAIT and SLOW WAIT Modes
Figure 61. Typical IDD in WAIT vs. fCPU
Figure 62. Typical IDD in SLOW-WAIT vs. fCPU
Notes:
1. Typical data are based on TA=25°C, VDD=5V (4.5V≤VDD≤5.5V range) and VDD=3.4V (3.2V≤VDD≤3.6V range).
2. Data based on characterization results, tested in production at VDD max. and fCPU max.
3. All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock input (OSC1)
driven by external square wave, CSS and LVD disabled.
4. SLOW-WAIT mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at
VDD or VSS (no load), all peripherals in reset state; clock input (OSC1) driven by external square wave, CSS and LVD
disabled.
Symbol
Parameter
Conditions
Typ 1)
Max 2)
Unit
IDD
Supply current in WAIT mode 3)
(see Figure 61)
fOSC=1MHz, fCPU=500kHz
fOSC=4MHz, fCPU=2MHz
fOSC=16MHz, fCPU=8MHz
150
560
2200
280
900
3000
µA
Supply current in SLOW WAIT mode 4)
(see Figure 62)
fOSC=1MHz, fCPU=31.25kHz
fOSC=4MHz, fCPU=125kHz
fOSC=16MHz, fCPU=500kHz
20
90
340
70
190
850
Supply current in WAIT mode 3)
(see Figure 61)
fOSC=1MHz, fCPU=500kHz
fOSC=4MHz, fCPU=2MHz
fOSC=16MHz, fCPU=8MHz
90
350
1370
200
550
1900
Supply current in SLOW WAIT mode 4)
(see Figure 62)
fOSC=1MHz, fCPU=31.25kHz
fOSC=4MHz, fCPU=125kHz
fOSC=16MHz, fCPU=500kHz
10
50
200
20
80
350
3.2
3.5
4
4.5
5
5.5
VDD [V]
0
0.5
1
1.5
2
2.5
3
IDD [mA]
8MHz
4MHz
2MHz
500kHz
3.2
3.5
4
4.5
5
5.5
VDD [V]
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
IDD [mA]
500kHz
250kHz
125kHz
31.25kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com