Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE521 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJE521
Description  SILICON NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE521 Datasheet(HTML) 1 Page - STMicroelectronics

  MJE521 Datasheet HTML 1Page - STMicroelectronics MJE521 Datasheet HTML 2Page - STMicroelectronics MJE521 Datasheet HTML 3Page - STMicroelectronics MJE521 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MJE521
SILICON NPN TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
DESCRIPTION
The MJE521 is a silicon Epitaxial-Base NPN
transistor in Jedec SOT-32 plastic package.
It is intended for use in 5 to 20W audio amplifiers,
general purpose amplifier and switching circuits.
INTERNAL SCHEMATIC DIAGRAM
September 2003
3
2
1
SOT-32
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
40
V
VCEO
Collector-Emitter Voltage (IB = 0)
40
V
VEBO
Emitter-Base Voltage (IC = 0)
4
V
IC
Collector Current
4
A
ICM
Collector Peak Current (tp < 5 ms)
8
A
IB
Base Current
2
A
Ptot
Total Dissipation at Tc
≤ 25 oC
40
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
®
1/4


Similar Part No. - MJE521

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE521 MOTOROLA-MJE521 Datasheet
128Kb / 4P
4 AMPERE POWER TRANSISTOR NPN SILICON 40 VOLTS 40 WATTS
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
SILICON NPN TRANSISTOR
Jun-1997
logo
ON Semiconductor
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
logo
Central Semiconductor C...
MJE521 CENTRAL-MJE521 Datasheet
70Kb / 1P
SILICON COMPLEMENTRY POWER TRANSISTOR
logo
Inchange Semiconductor ...
MJE521 ISC-MJE521 Datasheet
142Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - MJE521

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com