Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M7/XXX Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72104G2M7/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M7/XXX Datasheet(HTML) 1 Page - STMicroelectronics

  ST72104G2M7/XXX Datasheet HTML 1Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 2Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 3Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 4Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 5Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 6Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 7Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 8Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 140 page
background image
Rev. 2.6
November 2000
1/140
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
ST72104G, ST72215G,
ST72216G, ST72254G
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY,
ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
PRELIMINARY DATA
s
Memories
– 4K or 8K bytes Program memory (ROM and
single voltage FLASH) with read-out protec-
tion and in-situ programming (remote ISP)
– 256 bytes RAM
s
Clock, Reset and Supply Management
– Enhanced reset system
– Enhanced low voltage supply supervisor with
3 programmable levels
– Clock sources: crystal/ceramic resonator os-
cillators or RC oscillators, external clock,
backup Clock Security System
– Clock-out capability
– 3 Power Saving Modes: Halt, Wait and Slow
s
Interrupt Management
– 7 interrupt vectors plus TRAP and RESET
– 22 external interrupt lines (on 2 vectors)
s
22 I/O Ports
– 22 multifunctional bidirectional I/O lines
– 14 alternate function lines
– 8 high sink outputs
s
3 Timers
– Configurable watchdog timer
– Two 16-bit timers with: 2 input captures, 2 out-
put compares, external clock input on one tim-
er, PWM and Pulse generator modes
(one only on ST72104Gx and ST72216G1)
s
2 Communications Interfaces
– SPI synchronous serial interface
– I2C multimaster interface
(only on ST72254Gx)
s
1 Analog peripheral
– 8-bit ADC with 6 input channels
(except on ST72104Gx)
s
Instruction Set
– 8-bit data manipulation
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
s
Development Tools
– Full hardware/software development package
Device Summary
SDIP32
SO28
Features
ST72104G1
ST72104G2
ST72216G1
ST72215G2
ST72254G1
ST72254G2
Program memory - bytes
4K
8K
4K
8K
4K
8K
RAM (stack) - bytes
256 (128)
Peripherals
Watchdog timer,
One 16-bit timer,
SPI
Watchdog timer,
One 16-bit timer,
SPI, ADC
Watchdog timer,
Two 16-bit timers,
SPI, ADC
Watchdog timer,
Two 16-bit timers,
SPI, I²C, ADC
Operating Supply
3.2V to 5.5V
CPU Frequency
Up to 8 MHz (with oscillator up to 16 MHz)
Operating Temperature
0°C to 70°C / -10°C to +85°C (-40°C to +85°C / -40°C to105°C / -40°C to 125°C optional)
Packages
SO28 / SDIP32
1


Similar Part No. - ST72104G2M7/XXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72104G2 STMICROELECTRONICS-ST72104G2 Datasheet
909Kb / 135P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
Rev. 2.2
More results

Similar Description - ST72104G2M7/XXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
Rev. 2.2
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
07-Aug-2003
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Sep-1999
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Apr-2003
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
8-bit MCU with single voltage Flash memory, ADC, timers
Jan-2007
ST7LITEU05 STMICROELECTRONICS-ST7LITEU05 Datasheet
2Mb / 115P
8-bit MCU with single voltage Flash memory, ADC, timers
May-2007
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
23-Nov-2007
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
17-Oct-2007
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
29-Oct-2007
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Jun-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com