Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72104G2M7/XXX Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST72104G2M7/XXX
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2M7/XXX Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST72104G2M7/XXX Datasheet HTML 106Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 107Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 108Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 109Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 110Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 111Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 112Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 113Page - STMicroelectronics ST72104G2M7/XXX Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
110/140
CLOCK CHARACTERISTICS (Cont’d)
14.5.4 RC Oscillators
The ST7 internal clock can be supplied with an RC
oscillator. This oscillator can be used with internal
or external components (selectable by option
byte).
Figure 66. Typical Application with RC oscillator
Figure 67. Typical Internal RC Oscillator
Figure 68. Typical External RC Oscillator
Notes:
1. Data based on characterization results.
2. Guaranteed frequency range with the specified CEX and REX ranges taking into account the device process variation.
Data based on design simulation.
3. Data based on characterization results done with VDD nominal at 5V, not tested in production.
4. REX must have a positive temperature coefficient (ppm/°C), carbon resistors should therefore not be used.
5. Important: when no external CEX is applied, the capacitance to be considered is the global parasitic capacitance which
is subject to high variation (package, application...). In this case, the RC oscillator frequency tuning has to be done by
trying out several resistor values.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
Internal RC oscillator frequency 1)
see Figure 67
3.60
5.10
MHz
External RC oscillator frequency 2)
114
tSU(OSC)
Internal RC Oscillator Start-up Time 3)
2.0
ms
External RC Oscillator Start-up Time 3)
REX=47KΩ, CEX=”0”pF
REX=47KΩ, CEX=100pF
REX=10KΩ, CEX=6.8pF
REX=10KΩ, CEX=470pF
1.0
6.5
0.7
3.0
REX
Oscillator external resistor 4)
see Figure 68
10
47
K
Ω
CEX
Oscillator external capacitor
0 5)
470
pF
OSC2
OSC1
fOSC
CEX
REX
EXTERNAL RC
INTERNAL RC
VREF
+
-
VDD
Current copy
Voltage generator
CEX discharge
ST72XXX
3.2
5.5
VDD [V]
3.8
3.9
4
4.1
4.2
4.3
fosc [MHz]
-40°C
+25°C
+85°C
+125°C
0
6.8
22
47
100
270
470
Cex [pF]
0
5
10
15
20
fosc [MHz]
Rex=10KOhm
Rex=15KOhm
Rex=22KOhm
Rex=33KOhm
Rex=39KOhm
Rex=47KOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com