Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST600K Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST600K
Description  LOW VOLTAGE NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST600K Datasheet(HTML) 3 Page - STMicroelectronics

  ST600K Datasheet HTML 1Page - STMicroelectronics ST600K Datasheet HTML 2Page - STMicroelectronics ST600K Datasheet HTML 3Page - STMicroelectronics ST600K Datasheet HTML 4Page - STMicroelectronics ST600K Datasheet HTML 5Page - STMicroelectronics ST600K Datasheet HTML 6Page - STMicroelectronics ST600K Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST600K
2 Electrical Characteristics
3/7
2
Electrical Characteristics
Table 3.
Electrical Characteristics (TCASE = 25°C; unless otherwise specified)
Note: 1 Pulsed duration = 300
μs, duty cycle ≤1.5%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off Current
(IE = 0)
VCB = 50V
1
μA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 4V
1
μA
V(BR)CBO
Note: 1
Collector-Base
Breakdown Voltage (IE = 0)
IC = 10μA
120
V
V(BR)CEO
Note: 1
Collector-Emitter Breakdown
Voltage (IC = 0)
IE = 1 mA
120
1
V
V(BR)EBO
Note: 1
Collector-Emitter Breakdown
Voltage (IB = 0)
IC = 10 mA
120
1
V
VCE(sat)
Note: 1
Collector-Emitter Saturation
Voltage
IC = 500 mA
IB = 50 mA
0.5
V
VBE(sat)
Note: 1
Base-Emitter Saturation Voltage
IC = 500 mA
IB = 50 mA
1.2
V
hFE
Note: 1
DC Current Gain
IC = 100 mA
VCE = 5 V
IC = 500 mA
VCE = 5 V
120
50
280
CCBO
Collector-Base Capacitance
(IB = 0)
VCB = 10 V
f=1MHz
40
pF
ton
toff
ts
INDUCTIVE LOAD
Turn-On Time
Turn-Off Time
Storage Time
IC = 500 mA____ _ VCC = 12V
IB1 = - IB2 =50 mA
tp = 20μs
100
500
800
ns
ns
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com