Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL50 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DL50
Description  MINI THROUGH BEAM SENSOR with separate amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DL50 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DL50 Datasheet HTML 1Page - List of Unclassifed Manufacturers DL50 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
Maße in mm. Technische Änderungen vorbehalten.
03/02
PART DESIGNATION
ø5.0
10.0
10.0
M6x0.5
2.0
6.0
5.0
M2
1.5
Please remember, for correct operation, a separate amplifier is required.
jacket material
P: PUR-cable black
Ø1,8mm
F: highly flexible PUR-cable red Ø1,1mm
DL50
_
_
:
connector
0: M8 - connector 3 pin, female
1: 719 - connector
(see page Options and Accessoires)
ORDER EXAMPLE:
DL50R-P-0:1m = DL50 Red light - PUR-cable black - M8, 3 pin female: (cable length 2m x 2)
light type
R: Red light
(blank): Infrared light
cable length (specifications in [m] )
standard length 2m
special cable length
DL50
DLM60
DL50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com