Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8812FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST8812FP
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8812FP Datasheet(HTML) 3 Page - STMicroelectronics

  ST8812FP Datasheet HTML 1Page - STMicroelectronics ST8812FP Datasheet HTML 2Page - STMicroelectronics ST8812FP Datasheet HTML 3Page - STMicroelectronics ST8812FP Datasheet HTML 4Page - STMicroelectronics ST8812FP Datasheet HTML 5Page - STMicroelectronics ST8812FP Datasheet HTML 6Page - STMicroelectronics ST8812FP Datasheet HTML 7Page - STMicroelectronics ST8812FP Datasheet HTML 8Page - STMicroelectronics ST8812FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST8812FP
2 Electrical Characteristics
3/10
2
Electrical Characteristics
(TCASE = 25°C; unless otherwise specified)
Table 3.
Electrical Characteristics
Note: 1 Pulsed duration = 300
μs, duty cycle ≤1.5%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off Current
(VBE = 0)
VCE = 1150V
VCE = 1150V
Tc= 125°C
1
2
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 14V
1mA
VCEO(sus)
Note: 1
Collector-Emitter
Sustaining Voltage (IB = 0)
IC = 100mA
600
V
VCE(sat)
Note: 1
Collector-Emitter Saturation Voltage
IC = 4A _____
IB = 0.8A
IC = 4A ___
__ IB = 1.2A
3
1.5
V
V
VBE(sat)
Note: 1
Base-Emitter Saturation Voltage
IC = 4A ____
_ IB = 0.8A
1.3
V
hFE
DC Current Gain
IC = 1A _____
VCE = 5V
IC = 5A _____
VCE = 1V
IC = 5A _____
VCE = 5V
4.5
25
5
9
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 4A ____
_ RBB= 0
VClamp = 480V
VBE(off) = -5V
IB1 = 0.8A
_ LC= 220μH
(See Figure 8)
1
60
1.6
120
μs
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com