Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL50-R-F1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DL50-R-F1
Description  MINI THROUGH BEAM SENSOR with separate amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DL50-R-F1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DL50-R-F1 Datasheet HTML 1Page - List of Unclassifed Manufacturers DL50-R-F1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03/02
·
high range
·
high power reserve
·
highly flexible connecting cable
·
robust design
MINI THROUGH BEAM SENSOR
with separate amplifier
THROUGH BEAM SENSOR
• Ø 5 mm x 13 mm
• Stainless steel
• f. gluing and clamping fixture
Actual size
• M6 x 0,5 mm x 13 mm
• Nickel-plated brass
• f. screw-in fixture
Actual size
DL50
DLM60
• 6 mm x 8 mm x 12 mm
• Nickel-plated brass
• f. screw-in fixture
Actual size
DLV68
DL50 • DLM60 • DLV68
SMALLEST OBJECT and SENSING DISTANCE
sensing distance
4000 mm
smallest object
(Ø copper wire)*
0,4 mm
*copper wire of infinite length
GENERAL TECHNICAL DATA
light type
Red 660nm or Infrared 880nm
connection type
PUR-cable with connector
temperature range
-10°C to +55°C
protection class
IP 65
Tope Co., Ltd.
Tel: (02) 8228-0658
Fax: (02) 8228-0659
e-mail: tope@ms1.hinet.net
http://www.sensor.com.tw


Similar Part No. - DL50-R-F1

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DL50-1X1W-CW-ED-45 AGELECTRONICA-DL50-1X1W-CW-ED-45 Datasheet
165Kb / 1P
LAMPARA DE LED 1X1W BLANCO FRIO 127V PARA EMPOTRAR
28/MAYO/2010
logo
SICK AG
DL50-N1123 SICK-DL50-N1123 Datasheet
1Mb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
DL50-N2225 SICK-DL50-N2225 Datasheet
1Mb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
DL50-N2228 SICK-DL50-N2228 Datasheet
1Mb / 7P
MID RANGE DISTANCE SENSORS
2016-03-17
DL50-P1123 SICK-DL50-P1123 Datasheet
1Mb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
More results

Similar Description - DL50-R-F1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
Separate Amplifier Sensor with Sensitivity Adjustment
E2C-JC4CH OMRON-E2C-JC4CH Datasheet
1Mb / 23P
Separate Amplifier Sensor with Sensitivity Adjustment
logo
SICK AG
WSE2S-2P3230 SICK-WSE2S-2P3230 Datasheet
690Kb / 6P
Through-beam photoelectric sensor
1/29/2016
WSWE2F-F110 SICK-WSWE2F-F110 Datasheet
650Kb / 6P
Through-beam photoelectric sensor
2/2/2016
WSWE2F-N110 SICK-WSWE2F-N110 Datasheet
650Kb / 6P
Through-beam photoelectric sensor
2/2/2016
WSWE2F-P210 SICK-WSWE2F-P210 Datasheet
648Kb / 6P
Through-beam photoelectric sensor
2/2/2016
WS18-3P110 SICK-WS18-3P110 Datasheet
689Kb / 7P
Through-beam photoelectric sensor
3/8/2016
WS18-3P430S03 SICK-WS18-3P430S03 Datasheet
645Kb / 6P
Through-beam photoelectric sensor
3/8/2016
WS18-3P630 SICK-WS18-3P630 Datasheet
726Kb / 7P
Through-beam photoelectric sensor
3/8/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com