Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST13005 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST13005
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13005 Datasheet(HTML) 1 Page - STMicroelectronics

  ST13005 Datasheet HTML 1Page - STMicroelectronics ST13005 Datasheet HTML 2Page - STMicroelectronics ST13005 Datasheet HTML 3Page - STMicroelectronics ST13005 Datasheet HTML 4Page - STMicroelectronics ST13005 Datasheet HTML 5Page - STMicroelectronics ST13005 Datasheet HTML 6Page - STMicroelectronics ST13005 Datasheet HTML 7Page - STMicroelectronics ST13005 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ST13005
STB13005-1
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTORS
s
MEDIUM VOLTAGE CAPABILITY
s
NPN TRANSISTORS
s
LOW SPREAD OF DYNAMIC PARAMETERS
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
s
THROUGH-HOLE I2PAK (TO-262) POWER
PACKAGE IN TUBE (SUFFIX ”-1”)
APPLICATIONS:
s
ELECTRONIC BALLASTS FOR
FLUORESCENT LIGHTING
s
SWITCH MODE POWER SUPPLIES
DESCRIPTION
The devices are manufactured using high voltage
Multi
Epitaxial
Planar
technology
for
high
switching speeds and medium voltage capability.
They use a Cellular Emitter structure with planar
edge termination to enhance switching speeds
while maintaining the wide RBSOA.
®
INTERNAL SCHEMATIC DIAGRAM
June 2001
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
700
V
VCEO
Collector-Emitter Voltage (IB = 0)
400
V
VEBO
Emitter-Base Voltage (IC = 0)
9
V
IC
Collector Current
4
A
ICM
Collector Peak Current (tp < 5 ms)
8
A
IB
Base Current
2
A
IBM
Base Peak Current (tp < 5 ms)
4
A
Ptot
Total Dissipation at Tc = 25
oC75
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
3
TO-220
I2PAK
TO-262
(Suffix "-1")
1
2
3
1/8


Similar Part No. - ST13005

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST13005 STMICROELECTRONICS-ST13005 Datasheet
78Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jan-1999
ST13005 STMICROELECTRONICS-ST13005 Datasheet
234Kb / 12P
High voltage fast-switching NPN power transistor
12-Oct-2007
logo
SEMTECH ELECTRONICS LTD...
ST13005 SEMTECH_ELEC-ST13005 Datasheet
145Kb / 2P
NPN Silicon Power Transistors
logo
STMicroelectronics
ST13005 STMICROELECTRONICS-ST13005 Datasheet
204Kb / 12P
High voltage fast-switching NPN power transistor
15-May-2012
ST13005-1 STMICROELECTRONICS-ST13005-1 Datasheet
78Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
Jan-1999
More results

Similar Description - ST13005

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com