Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC70 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EC70
Description  EC cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC70 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EC70 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC70 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC70 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC70 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC70 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC70 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2004 Sep 01
2
Ferroxcube
EC cores and accessories
EC70
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.514
mm−1
Ve
effective volume
40100
mm3
Ie
effective length
144
mm
Ae
effective area
279
mm2
Amin
minimum area
211
mm2
m
mass of core half
≈ 127
g
handbook, halfpage
MGC407
34.5
0.15
16.4 0.4
44.5 1.2
71.7 max
16.4
0.4
22.75
0.45
Fig.1 EC70 core half.
Dimensions in mm.
Core halves
AL measured in combination with an non-gapped core half, unless stated otherwise.
Note
1.
Measured in combination with an equal gapped core half (symmetrical air gap).
Properties of core sets under power conditions
GRADE
AL
(nH)
µ
e
AIR GAP
(
µm)
TYPE NUMBER
3C81
250
± 3%(1)
≈ 102
≈ 1830
EC70-3C81-E250
315
± 3%(1)
≈ 130
≈ 1370
EC70-3C81-E315
400
± 3%(1)
≈ 165
≈ 1020
EC70-3C81-E400
630
± 5%
≈ 256
≈ 580
EC70-3C81-A630
1000
± 10%
≈ 406
≈ 320
EC70-3C81-A1000
≥ 4000
≥ 1620
≈ 0
EC70-3C81
3C90
250
± 3%(1)
≈ 102
≈ 1830
EC70-3C90-E250
315
± 3%(1)
≈ 130
≈ 1370
EC70-3C90-E315
400
± 3%(1)
≈ 165
≈ 1020
EC70-3C90-E400
630
± 5%
≈ 256
≈ 580
EC70-3C90-A630
1000
± 10%
≈ 406
≈ 320
EC70-3C90-A1000
3900
± 25%
≈ 1580
≈ 0
EC70-3C90
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f = 25 kHz;
= 200 mT;
T = 100
°C
f= 100 kHz;
= 100 mT;
T=100
°C
3C81
≥330
≤ 8.2
−
3C90
≥330
≤ 4.9
≤ 5.1
B
ˆ
B
ˆ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com