Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB70NF03L Datasheet(PDF) 12 Page - STMicroelectronics

Part # STB70NF03L
Description  N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET™ II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB70NF03L Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STB70NF03L_06 Datasheet HTML 7Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 8Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 9Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 10Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 11Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 12Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 13Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 14Page - STMicroelectronics STB70NF03L_06 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package mechanical data
STB70NF03L - STP70NF03L - STB70NF03L-1
12/15
1
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
F2
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.40
0.645
L3
28.90
1.137
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
DIA
3.75
3.85
0.147
0.151
TO-220 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com