Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB70NFS03L Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB70NFS03L
Description  N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB70NFS03L Datasheet(HTML) 5 Page - STMicroelectronics

  STB70NFS03L Datasheet HTML 1Page - STMicroelectronics STB70NFS03L Datasheet HTML 2Page - STMicroelectronics STB70NFS03L Datasheet HTML 3Page - STMicroelectronics STB70NFS03L Datasheet HTML 4Page - STMicroelectronics STB70NFS03L Datasheet HTML 5Page - STMicroelectronics STB70NFS03L Datasheet HTML 6Page - STMicroelectronics STB70NFS03L Datasheet HTML 7Page - STMicroelectronics STB70NFS03L Datasheet HTML 8Page - STMicroelectronics STB70NFS03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STB70NFS03L
Electrical characteristics
5/13
Table 7.
Switching times
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 15V, ID = 35A,
RG = 4.7Ω, VGS = 5V
(see Figure 10)
22
165
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD = 15V, ID = 35A,
RG = 4.7Ω, VGS = 5V
(see Figure 10)
21
25
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
70
280
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Forward on voltage
ISD = 70A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 70A, di/dt = 100A/µs
VDD = 20V, Tj = 150°C
(see Figure 15)
42
52
2.5
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com