Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B100NF04 Datasheet(PDF) 6 Page - STMicroelectronics

Part # B100NF04
Description  N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B100NF04 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button B100NF04 Datasheet HTML 2Page - STMicroelectronics B100NF04 Datasheet HTML 3Page - STMicroelectronics B100NF04 Datasheet HTML 4Page - STMicroelectronics B100NF04 Datasheet HTML 5Page - STMicroelectronics B100NF04 Datasheet HTML 6Page - STMicroelectronics B100NF04 Datasheet HTML 7Page - STMicroelectronics B100NF04 Datasheet HTML 8Page - STMicroelectronics B100NF04 Datasheet HTML 9Page - STMicroelectronics B100NF04 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STB100NF04 - STP100NF04
6/17
2.1
Electrical characteristics (curves)
Figure 1.
Power Derating vs. Tc
Figure 2.
Max Id Current vs. Tc
Figure 3.
Output Characteristics
Figure 4.
Transfer Characteristics
Figure 5.
Transconductance
Figure 6.
Static Drain-source on Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com