Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B100NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # B100NF03L
Description  N-channel 30V - 0.0026ohm - 100A - D2PAK/I2/TO-220 STripFET TM III Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B100NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  B100NF03L Datasheet HTML 1Page - STMicroelectronics B100NF03L Datasheet HTML 2Page - STMicroelectronics B100NF03L Datasheet HTML 3Page - STMicroelectronics B100NF03L Datasheet HTML 4Page - STMicroelectronics B100NF03L Datasheet HTML 5Page - STMicroelectronics B100NF03L Datasheet HTML 6Page - STMicroelectronics B100NF03L Datasheet HTML 7Page - STMicroelectronics B100NF03L Datasheet HTML 8Page - STMicroelectronics B100NF03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
June 2006
Rev 2
1/15
15
STP100NF03L-03
STB100NF03L-03 STB100NF03L-03-1
N-channel 30V - 0.0026
Ω - 100A - D2PAK/I2/TO-220
STripFET™ III Power MOSFET
General features
■ Low threshold drive
■ 100% avalanche tested
■ Logic level device
Description
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB100NF03L-03
30V
<0.0032
Ω
100A
STB100NF03L-03-1
30V
<0.0032
Ω
100A
STP100NF03L-03
30V
<0.0032
Ω
100A
D2PAK
1
2
3
1
3
1
2
3
I2PAK
TO-220
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB100NF03L-03T4
B100NF03L
D2PAK
Tape & reel
STB100NF03L-03-1
B100NF03L
I2PAK
Tube
STP100NF03L-03
P100NF03L
TO-220
Tube


Similar Part No. - B100NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B100NF04 STMICROELECTRONICS-B100NF04 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
More results

Similar Description - B100NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB100NH02L STMICROELECTRONICS-STB100NH02L Datasheet
409Kb / 13P
N-CHANNEL 24V - 0.0052ohm - 60A D2PAK STripFET™ III POWER MOSFET
21-Jun-2006
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
21-Feb-2007
STP36NF06L STMICROELECTRONICS-STP36NF06L Datasheet
436Kb / 14P
N-channel 60V - 0.032ohm - 30A - TO-220 - D2PAK STripFET TM II Power MOSFET
26-Jun-2006
STB75NH02L STMICROELECTRONICS-STB75NH02L_06 Datasheet
410Kb / 13P
N-Channel 24V - 0.0062ohm - 60A - D2PAK STripFET TM III Power MOSFET
22-Jul-2006
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06_06 Datasheet
405Kb / 13P
N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
25-Jul-2006
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
STB160NF3LL STMICROELECTRONICS-STB160NF3LL_06 Datasheet
414Kb / 13P
N-channel 30V - 0.0028ohm - 160A - D2PAK STripFET TM III Power MOSFET
19-Jun-2006
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STB140NF75T4 STMICROELECTRONICS-STB140NF75T4 Datasheet
545Kb / 18P
N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
28-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com