Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B160NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # B160NF3LL
Description  N-channel 30V - 0.0028ohm - 160A - D2PAK STripFET TM III Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B160NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  B160NF3LL Datasheet HTML 1Page - STMicroelectronics B160NF3LL Datasheet HTML 2Page - STMicroelectronics B160NF3LL Datasheet HTML 3Page - STMicroelectronics B160NF3LL Datasheet HTML 4Page - STMicroelectronics B160NF3LL Datasheet HTML 5Page - STMicroelectronics B160NF3LL Datasheet HTML 6Page - STMicroelectronics B160NF3LL Datasheet HTML 7Page - STMicroelectronics B160NF3LL Datasheet HTML 8Page - STMicroelectronics B160NF3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
June 2006
Rev 2
1/13
13
STB160NF3LL
N-channel 30V - 0.0028
Ω - 160A - D2PAK
STripFET™ III Power MOSFET
General features
■ 100% avalanche tested
■ Ultra low on-resistance
■ Logic level device
■ Low threshold drive
Description
The STB100NH02L utilizes the latest advanced
design rules of ST’s proprietary STripFET™
technology. This is suitable fot the most
demanding DC-DC converter applications where
high efficiency is to be achieved.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB160NF3LL
30V
<0.0033
Ω
160A(1)
1.
Value limited by wire bonding
D2PAK
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB160NF3LL
B160NF3LL
D2PAK
Tape & reel


Similar Part No. - B160NF3LL

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B160N WEITRON-B160N Datasheet
139Kb / 3P
Surface Mount Schottky Barrier Diodes
B160N WEITRON-B160N Datasheet
562Kb / 3P
Surface Mount Schottky Barrier Diodes
More results

Similar Description - B160NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB100NH02L STMICROELECTRONICS-STB100NH02L Datasheet
409Kb / 13P
N-CHANNEL 24V - 0.0052ohm - 60A D2PAK STripFET™ III POWER MOSFET
21-Jun-2006
STB160NF02L STMICROELECTRONICS-STB160NF02L Datasheet
289Kb / 7P
N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET™ POWER MOSFET
Feb-2001
STB160NF03L STMICROELECTRONICS-STB160NF03L Datasheet
431Kb / 9P
N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET™ POWER MOSFET
February 2001
STB160NF3LL STMICROELECTRONICS-STB160NF3LL Datasheet
174Kb / 7P
N-CHANNEL 30V - 0.0026 ohm - 160A D2PAK STripFET™ II POWER MOSFET
May 2002
STV160NF03L STMICROELECTRONICS-STV160NF03L_02 Datasheet
539Kb / 9P
N-CHANNEL 30V - 0.0019OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
Nov-2002
STV160NF03LA STMICROELECTRONICS-STV160NF03LA Datasheet
531Kb / 8P
N-CHANNEL 30V - 0.0021OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
Dec-2000
STB75NH02L STMICROELECTRONICS-STB75NH02L_06 Datasheet
410Kb / 13P
N-Channel 24V - 0.0062ohm - 60A - D2PAK STripFET TM III Power MOSFET
22-Jul-2006
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06_06 Datasheet
405Kb / 13P
N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
25-Jul-2006
STB100NF03L-03 STMICROELECTRONICS-STB100NF03L-03_06 Datasheet
461Kb / 15P
N-channel 30V - 0.0026ohm - 100A - D2PAK/I2/TO-220 STripFET TM III Power MOSFET
21-Jun-2006
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com