Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP200NF03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP200NF03
Description  N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP200NF03 Datasheet(HTML) 1 Page - STMicroelectronics

  STP200NF03 Datasheet HTML 1Page - STMicroelectronics STP200NF03 Datasheet HTML 2Page - STMicroelectronics STP200NF03 Datasheet HTML 3Page - STMicroelectronics STP200NF03 Datasheet HTML 4Page - STMicroelectronics STP200NF03 Datasheet HTML 5Page - STMicroelectronics STP200NF03 Datasheet HTML 6Page - STMicroelectronics STP200NF03 Datasheet HTML 7Page - STMicroelectronics STP200NF03 Datasheet HTML 8Page - STMicroelectronics STP200NF03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
February 2007
Rev 4
1/18
18
STP200NF03
STB200NF03 - STB200NF03-1
N-channel 30V - 0.0032
Ω - 120A - D2PAK/I2PAK/TO-220
STripFET™ III Power MOSFET
General features
■ Standard threshold drive
■ 100% avalanche tested
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "Single Feature
Size™" strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STP200NF03
30V
<0.0037
Ω
120A(1)
1.
Current Limited by Package
STB200NF03
30V
<0.0037
Ω
120A(1)
STB200NF03-1
30V
<0.0037
Ω
120A(1)
D2PAK
1
2
3
1
3
1
2
3
I2PAK
TO-220
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB200NF03T4
B200NF03
D2PAK
Tape & reel
STB200NF03-1
B200NF03
I2PAK
Tube
STP200NF03
P200NF03
TO-220
Tube


Similar Part No. - STP200NF03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP200NF03 STMICROELECTRONICS-STP200NF03 Datasheet
557Kb / 14P
N-CHANNEL 30V - 0.0032 ohm - 120A D²PAK/I²PAK/TO-220 STripFET™ II POWER MOSFET
Oct-2002
logo
Inchange Semiconductor ...
STP200NF03 ISC-STP200NF03 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP200NF03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Feb-2002
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
21-Feb-2007
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET™ II Power MOSFET
July 2006 Rev 10
STB100NF03L-03 STMICROELECTRONICS-STB100NF03L-03_06 Datasheet
461Kb / 15P
N-channel 30V - 0.0026ohm - 100A - D2PAK/I2/TO-220 STripFET TM III Power MOSFET
21-Jun-2006
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
25-Sep-2007
STB140NF75T4 STMICROELECTRONICS-STB140NF75T4 Datasheet
545Kb / 18P
N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
28-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com