Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB200NF03 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STB200NF03
Description  N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB200NF03 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STB200NF03 Datasheet HTML 7Page - STMicroelectronics STB200NF03 Datasheet HTML 8Page - STMicroelectronics STB200NF03 Datasheet HTML 9Page - STMicroelectronics STB200NF03 Datasheet HTML 10Page - STMicroelectronics STB200NF03 Datasheet HTML 11Page - STMicroelectronics STB200NF03 Datasheet HTML 12Page - STMicroelectronics STB200NF03 Datasheet HTML 13Page - STMicroelectronics STB200NF03 Datasheet HTML 14Page - STMicroelectronics STB200NF03 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
STP200NF03 - STB200NF03 - STB200NF03-1
Test circuit
11/18
4
Test circuit
Figure 19. Switching times test circuit for
resistive load
Figure 20. Gate charge test circuit
Figure 21. Test circuit for inductive load
switching and diode recovery times
Figure 22. Unclamped Inductive load test
circuit
Figure 23. Unclamped inductive waveform
Figure 24. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com